Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6110 Datasheet (PDF) - Microsemi Corporation

UT6110 Datasheet PDF - Microsemi Corporation
Part # UT6110
Download  UT6110 Download
File Size   140.36 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UT6110 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT6110 Datasheet PDF - Microsemi Corporation

Part # UT6110
Download  UT6110 Click to download

File Size   140.36 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UT6110 Datasheet (HTML) - Microsemi Corporation


UT6110 Product details

DESCRIPTION
These series of high current rectifiers offers opportunity for size and weight reduction in high power supplies.

FEATURES
• Rating: 12A
• Controlled Avalanche
• Miniature Package
• Surge Rating: 200A




Similar Part No. - UT6110

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
UT6110 NJSEMI-UT6110 Datasheet
221Kb / 3P
Standard Recovery, 7.5 Amp to 12 Amp
logo
List of Unclassifed Man...
UT611024 ETC1-UT611024 Datasheet
227Kb / 11P
128K X 8BIT HIGH SPEED CMOS SRAM
UT611024JC-10 ETC1-UT611024JC-10 Datasheet
227Kb / 11P
128K X 8BIT HIGH SPEED CMOS SRAM
UT611024JC-12 ETC1-UT611024JC-12 Datasheet
227Kb / 11P
128K X 8BIT HIGH SPEED CMOS SRAM
UT611024JC-15 ETC1-UT611024JC-15 Datasheet
227Kb / 11P
128K X 8BIT HIGH SPEED CMOS SRAM
More results


Similar Description - UT6110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
Rectifiers
1996 Jun 10
logo
Microsemi Corporation
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
RECTIFIERS
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
RECTIFIERS
UES4505S MICROSEMI-UES4505S Datasheet
86Kb / 2P
RECTIFIERS
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
Rectifiers
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com