Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5839A Datasheet (PDF) - Nippon Precision Circuits Inc

SM5839A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5839A
Download  SM5839A Download
File Size   83.0 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Speed Variable-Length Shift Register

SM5839A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5839A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5839A
Download  SM5839A Click to download

File Size   83.0 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Speed Variable-Length Shift Register

SM5839A Datasheet (HTML) - Nippon Precision Circuits Inc


SM5839A Product details

OVERVIEW
The SM5839A is an 8-bit variable-length shift resister. The input pins can be configured to function as a 2 to 128-step shift resister. The shift clock has a maximum frequency of 54 MHz, making it ideal for high-speed digital signal processing.

FEATURES
■ 2 to 128-step selectable variable-length shift resister
■ Static circuitry
■ 8-bit (byte) word length
■ Selectable circulating/non-circulating storage
■ 54 MHz maximum operating clock frequency (standard-voltage specification)
■ Supply voltage
    • 5.0 ± 0.5 V (standard-voltage specification)
    • 2.7 to 4.5 V (low-voltage specification)
■ TTL-compatible input/outputs
■ Molybdenum-gate CMOS
■ Package
    • 28-pin DIP (SM5839AP)
    • 28-pin VSOP (SM5839AV)




Similar Part No. - SM5839A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5831F NPC-SM5831F Datasheet
365Kb / 13P
Digital Filter for Video Signal Processors
SM5833 NPC-SM5833 Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
General-purpose High-speed FIR Digital Filter
More results


Similar Description - SM5839A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
Variable Length Static Shift Register
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
1-to-64 bit variable length shift register
January 1995
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
4/8-bit Variable Length Shift Register
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
Variable-Length Shift Register
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com