Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30100CT Datasheet (PDF) - GOOD-ARK Electronics

MBRF30100CT Datasheet PDF - GOOD-ARK Electronics
Part # MBRF30100CT
Download  MBRF30100CT Download
File Size   336.3 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description For General Purpose

MBRF30100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF30100CT Datasheet PDF - GOOD-ARK Electronics

Part # MBRF30100CT
Download  MBRF30100CT Click to download

File Size   336.3 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description For General Purpose

MBRF30100CT Datasheet (HTML) - GOOD-ARK Electronics


MBRF30100CT Product details

Features
● Plastic package has underwriters Laboratory
   Flammability Classification 94V-0
● Dual rectifier construction, positive center tap
● Metal of silicon rectifier, majority carrier conduction
● Low forward voltage, high efficiency
● Guarding for over voltage protection
● For use in low voltage, high frequency inverters,
● Free wheeling, and polarity protection applications

Mechanical Characteristics
● Case: Epoxy, Molded
● Weight: 1.9grams( approximately)
● Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes: 260°C Max.for10 sec
● Shipped 50 units per plastic tube




Similar Part No. - MBRF30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30100CT TSC-MBRF30100CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF30100CT KEC-MBRF30100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF30100CT KEC-MBRF30100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF30100CT TSC-MBRF30100CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF30100CT LUGUANG-MBRF30100CT Datasheet
265Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - MBRF30100CT

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1N6263 WINNERJOIN-1N6263 Datasheet
75Kb / 2P
For general purpose applications
logo
List of Unclassifed Man...
BU-90-0 ETC2-BU-90-0 Datasheet
1Mb / 1P
Insulator for General Purpose Clip
logo
Surge Components
BAV100 SURGE-BAV100 Datasheet
1Mb / 1P
for general purpose
logo
GOOD-ARK Electronics
MBRF20200CT GOOD-ARK-MBRF20200CT Datasheet
354Kb / 6P
For General Purpose
MBRL20100CT GOOD-ARK-MBRL20100CT Datasheet
320Kb / 6P
For General Purpose
MBRP1045 GOOD-ARK-MBRP1045_15 Datasheet
489Kb / 7P
For General Purpose
logo
Isahaya Electronics Cor...
RT1C3904-T112 ISAHAYA-RT1C3904-T112 Datasheet
123Kb / 4P
FOR GENERAL PURPOSE APPLICATION
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
For general purpose applications
14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
For general purpose applications
25-Aug-16
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com