Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW9255 Datasheet (PDF) - Mitel Networks Corporation

DW9255 Datasheet PDF - Mitel Networks Corporation
Part # DW9255
Download  DW9255 Download
File Size   34.5 Kbytes
Page   5 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 35.42MHz SAW Filter for GPS Receivers

DW9255 Datasheet (PDF)

Go To PDF Page Download Datasheet
DW9255 Datasheet PDF - Mitel Networks Corporation

Part # DW9255
Download  DW9255 Click to download

File Size   34.5 Kbytes
Page   5 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 35.42MHz SAW Filter for GPS Receivers

DW9255 Datasheet (HTML) - Mitel Networks Corporation


DW9255 Product details

The DW9255 is a Surface Acoustic Wave (SAW) bandpass filter for use with the GP2000 Global Positioning System (GPS) receiver chip-set, available from Mitel Semiconductor. It is pre-tuned to the exact 2nd IF filter requirements of the GP2010 & GP2015 RF front-end devices, with a centrefrequency of 35.42MHz. The response is tuned for a flat passband, steep stopband and uniform passband group-delay with 3 external inductors. The device is realised on a Lithium Tantalate substrate and housed in a small leadless ceramic Surface Mount package.

FEATURES
■ Centre Frequency of 35.42MHz
■ Insertion Loss of 17dB ±1dB (typical)
■ 1dB Bandwidth 1.9MHz (typical)
■ Passband Ripple 0.8dB (typical)
■ Low Profile Ceramic Surface Mount Package
■ Operating Temperature Range -40° to +85°C

APPLICATION
■ Commercial Global Positioning




Similar Part No. - DW9255

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
133MHZ SAW Filter
More results


Similar Description - DW9255

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9037 EPCOS-B9037 Datasheet
82Kb / 8P
SAW GPS filter
logo
Epson ToYoCom
TQS-949AD-7G EPSONTOYOCOM-TQS-949AD-7G Datasheet
320Kb / 2P
SAW FILTER FOR GPS / RF
logo
EPCOS
B9080 EPCOS-B9080 Datasheet
92Kb / 9P
SAW GPS Filter
B9416 EPCOS-B9416_1 Datasheet
88Kb / 8P
SAW filter GPS
B9417 EPCOS-B9417_1 Datasheet
83Kb / 8P
SAW filter GPS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
SAW GPS filter
logo
TDK Electronics
B39162B9444M410 TDK-B39162B9444M410 Datasheet
112Kb / 8P
SAW GPS filter
logo
Golledge Electronics Lt...
MA06008 GOLLEDGE-MA06008 Datasheet
251Kb / 5P
SAW Filter for GPS 1575.42MHz
MA05255 GOLLEDGE-MA05255 Datasheet
332Kb / 5P
SAW Filter 1575.42MHz for GPS
MA05256 GOLLEDGE-MA05256 Datasheet
332Kb / 5P
SAW Filter 1575.42MHz for GPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com