Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF432 Datasheet (PDF) - Mitel Networks Corporation

MF432 Datasheet PDF - Mitel Networks Corporation
Part # MF432
Download  MF432 Download
File Size   205.43 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Datacom, Telecom, General Purpose PIN Photodiodes

MF432 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF432 Datasheet PDF - Mitel Networks Corporation

Part # MF432
Download  MF432 Click to download

File Size   205.43 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Datacom, Telecom, General Purpose PIN Photodiodes

MF432 Datasheet (HTML) - Mitel Networks Corporation


MF432 Product details

Description
This family of PIN Photodiodes is designed for Datacom, Telecom and General purpose applications. Their unique design combines high bandwidth with high responsivity for single-mode as well as multimode fibers up to 62.5µm core diameter. The MF432 PIN Photodiode is available in ST, SC, or Pigtail package.

Features-All MF432 Devices
• 1300 and 1550nm PIN Photodiode
• 2.5GHz Bandwidth
• Designed for Single-Mode and Multi-Mode Fiber
• Aligned in ST®, SC Receptacle or with a Single-Mode Fiber Pigtail
• Tested to Bellcore TA-NWT-000983
• High Return Loss in Pigtail Configuration

ST Applications
• FDDI
• ESCON
• ATM-SDH/SONET 155, 622 and 2488Mbps
• FITL - Fiber In The Loop
• FTTH/FTTC - Fiber To The Home/Curb
• Intra-Office Telecommunications
• General Purpose

SC Applications
• FDDI
• ESCON
• ATM-SDH/SONET 155, 622 and 2488Mbps
• FITL - Fiber In The Loop
• FTTH/FTTC - Fiber To The Home/Curb
• Intra-Office Telecommunications
• General Purpose

Pigtail Applications • ATM-SDH/SONET 155, 622 and 2488Mbps • FITL - Fiber In The Loop • FTTH/FTTC - Fiber To The Home/Curb




Similar Part No. - MF432

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
High Performance PIN
MF432FC ZARLINK-MF432FC Datasheet
158Kb / 3P
High Performance PIN
MF432PT ZARLINK-MF432PT Datasheet
158Kb / 3P
High Performance PIN
MF432SC ZARLINK-MF432SC Datasheet
158Kb / 3P
High Performance PIN
MF432SMA ZARLINK-MF432SMA Datasheet
158Kb / 3P
High Performance PIN
More results


Similar Description - MF432

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A444 MITEL-1A444 Datasheet
188Kb / 10P
VCSEL Laser Diode(Datacom, General Purpose)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
8C447 MITEL-8C447 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
8C449 MITEL-8C449 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, General Purpose, Analog Applications)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com