Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH89626C Datasheet (PDF) - Mitel Networks Corporation

MH89626C Datasheet PDF - Mitel Networks Corporation
Part # MH89626C
Download  MH89626C Download
File Size   114.89 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description OPS/DID SLIC Preliminary Information

MH89626C Datasheet (PDF)

Go To PDF Page Download Datasheet
MH89626C Datasheet PDF - Mitel Networks Corporation

Part # MH89626C
Download  MH89626C Click to download

File Size   114.89 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description OPS/DID SLIC Preliminary Information

MH89626C Datasheet (HTML) - Mitel Networks Corporation


MH89626C Product details

Description
The MH89626C SLIC provides all of the functions required to interface 2-wire off premise subscriber loops to a serial TDM, PCM, switching network of a modern PBX. The MH89626C is manufactured using thick film hybrid technology which offers high voltage capability, reliability and high density resulting in significant printed circuit board area saving of the line cards. A complete line card can be implemented with very few external components.

Features
• Transformerless 2-4 wire conversion
• Constant current with constant voltage fallback for long loops
• Long length capability (RLoop > 1850Ω)
• Input impedance
• 200Ω + 560Ω // 0.1µF (MH89626C-02)
• 200Ω + 680Ω // 0.1µF (MH89626C-04)
• Ring trip filter with auto ring trip
• Three relay drivers
• Built-in Tip/Ring reversal capability on the hybrid
• Serial control interface
• External or software programmable receive gain, -3.5 or -7.0dB

Applications
• Off-Premise PBX Line Cards
• DID (Direct Inward Dial) Line Cards
• Central Office Line Cards




Similar Part No. - MH89626C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MH89625C-5 MITEL-MH89625C-5 Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MH89625C-6 MITEL-MH89625C-6 Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
More results


Similar Description - MH89626C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88600 MITEL-MH88600 Datasheet
122Kb / 14P
Global SLIC Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
C.O. SLIC Preliminary Information
MH88622 MITEL-MH88622 Datasheet
95Kb / 10P
DUAL OPS SLIC Preliminary Information
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
DID/OPS SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
Central Office SLIC Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com