Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC16240 Datasheet (PDF) - ON Semiconductor

74ALVC16240 Datasheet PDF - ON Semiconductor
Part # 74ALVC16240
Download  74ALVC16240 Download
File Size   217.97 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it Buffer

74ALVC16240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16240 Datasheet PDF - ON Semiconductor

Part # 74ALVC16240
Download  74ALVC16240 Click to download

File Size   217.97 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 16?묪it Buffer

74ALVC16240 Datasheet (HTML) - ON Semiconductor


74ALVC16240 Product details

Low−Voltage 1.8/2.5/3.3 V 16−Bit Buffer
With 3.6 V−Tolerant Inputs and Outputs (3−State, Inverting)

The 74ALVC16240 is an advanced performance, inverting 16−bit buffer. It is designed for very high−speed, very low−power operation in 1.8 V, 2.5 V or 3.3 V systems.
The 74ALVC16240 is nibble controlled with each nibble functioning identically, but independently. The control pins may be tied together to obtain full 16−bit operation. The 3−state outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are in the high impedance state.

• Designed for Low Voltage Operation: VCC = 1.65−3.6 V
• 3.6V Tolerant Inputs and Outputs
• High Speed Operation:
   3.0 ns max for 3.0 to 3.6 V
   3.7 ns max for 2.3 to 2.7 V
   6.0 ns max for 1.65 to 1.95 V
• Static Drive:
   ±24 mA Drive at 3.0 V
   ±12 mA Drive at 2.3 V
   ±4 mA Drive at 1.65 V
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V†
• Near Zero Static Supply Current in All Three Logic States (40 A)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±250 mA @ 125°C
• ESD Performance:
   Human Body Model >2000 V;
   Machine Model >200 V
• Second Source to Industry Standard 74ALVC16240




Similar Part No. - 74ALVC16240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240MTD FAIRCHILD-74ALVC16240MTD Datasheet
99Kb / 6P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74ALVC16240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com