Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC16374 Datasheet (PDF) - ON Semiconductor

74ALVC16374 Datasheet PDF - ON Semiconductor
Part # 74ALVC16374
Download  74ALVC16374 Download
File Size   280.38 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 1.8 Transparent Latch

74ALVC16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16374 Datasheet PDF - ON Semiconductor

Part # 74ALVC16374
Download  74ALVC16374 Click to download

File Size   280.38 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low?뭋oltage 1.8 Transparent Latch

74ALVC16374 Datasheet (HTML) - ON Semiconductor


74ALVC16374 Product details

The 74ALVC16374 is an advanced performance, non−inverting 16−bit D−type flip−flop. It is designed for very high−speed, very low−power operation in 1.8 V, 2.5 V or 3.3 V systems. The ALVC16374 is byte controlled, with each byte functioning identically, but independently. Each byte has separate Output Enable and Clock Pulse inputs. These control pins can be tied together for a full 16−bit operation.
   
• Designed for Low Voltage Operation: VCC = 1.65−3.6 V
• 3.6 V Tolerant Inputs and Outputs
• High Speed Operation: 3.6 ns max for 3.0 to 3.6 V
                                        4.5 ns max for 2.3 to 2.7 V
                                        7.8 ns max for 1.65 to 1.95 V
• Static Drive: ±24 mA Drive at 3.0 V
                       ±12 mA Drive at 2.3 V
                       ±4 mA Drive at 1.65 V
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V†
• Near Zero Static Supply Current in All Three Logic States (40 A)
    Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±250 mA @ 125°C
• ESD Performance: Human Body Model >2000 V; Machine Model
    >200 V
• Second Source to Industry Standard 74ALVC16374
   




Similar Part No. - 74ALVC16374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374GX FAIRCHILD-74ALVC16374GX Datasheet
122Kb / 8P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374MTD FAIRCHILD-74ALVC16374MTD Datasheet
122Kb / 8P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74ALVC16374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com