Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07A Datasheet (PDF) - ON Semiconductor

74LVC07A Datasheet PDF - ON Semiconductor
Part # 74LVC07A
Download  74LVC07A Download
File Size   107.44 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Hex Buffer

74LVC07A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC07A Datasheet PDF - ON Semiconductor

Part # 74LVC07A
Download  74LVC07A Click to download

File Size   107.44 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Hex Buffer

74LVC07A Datasheet (HTML) - ON Semiconductor


74LVC07A Product details

Low-Voltage CMOS Hex Buffer with Open Drain Outputs
With 5 V − Tolerant Inputs

The 74LVC07A is a high performance hex buffer operating from a 1.2 V to 5.5 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers. These LVC devices have open drain outputs which provide the ability to set output levels, or do active−HIGH AND or active−LOW OR functions. A VI specification of 5.5 V allows 74LVC07A inputs to be safely driven from 5.0 V devices.

Features
• Designed for 1.2 V to 5.5 V VCC Operation
• 5.0 V Tolerant Inputs/Outputs
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Output Sink Capability
• Near Zero Static Supply Current (10 A) Substantially Reduces
    System Power Requirements
• Latchup Performance Exceeds 250 mA
• Wired−OR, Wired−AND
• Output Level Can Be Set Externally Without Affecting Speed of Device
• ESD Performance: Human Body Model >2000 V;
                                 Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 74LVC07A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
logo
NXP Semiconductors
74LVC07A NXP-74LVC07A Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A Datasheet
105Kb / 7P
Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
More results


Similar Description - 74LVC07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
CMOS Hex Buffer
December 1992
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
Hex Buffer High-Voltage Silicon-Gate CMOS
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
logo
STMicroelectronics
74LCX07YMTR STMICROELECTRONICS-74LCX07YMTR Datasheet
252Kb / 16P
Low-voltage CMOS hex buffer (open drain)
02-Oct-2012
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A_15 Datasheet
105Kb / 7P
Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
logo
Renesas Technology Corp
CD4503BMS RENESAS-CD4503BMS Datasheet
314Kb / 8P
CMOS Hex Buffer
December 1992
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com