Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244A Datasheet (PDF) - ON Semiconductor

74LVC244A Datasheet PDF - ON Semiconductor
Part # 74LVC244A
Download  74LVC244A Download
File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC244A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC244A Datasheet PDF - ON Semiconductor

Part # 74LVC244A
Download  74LVC244A Click to download

File Size   92.65 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

74LVC244A Datasheet (HTML) - ON Semiconductor


74LVC244A Product details

Low-Voltage CMOS Octal Buffer
With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

The 74LVC244A is a high performance, non−inverting octal buffer operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC244A inputs to be safely driven from 5 V devices. The 74LVC244A is suitable for memory address driving and all TTL level bus oriented transceiver applications.

Features
• Designed for 1.2 V to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 μA)
    Substantially Reduces System Power Requirements
• ESD Performance:
    ♦ Human Body Model >2000 V
    ♦ Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
Feb-2002
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A Datasheet
103Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC244A NXP-74LVC244A Datasheet
121Kb / 18P
Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVC244A NXP-74LVC244A Datasheet
150Kb / 19P
Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Similar Description - 74LVC244A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX240 ONSEMI-MC74LCX240_12 Datasheet
125Kb / 7P
Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 9
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com