Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8815AE Datasheet (PDF) - Mitel Networks Corporation

MT8815AE Datasheet PDF - Mitel Networks Corporation
Part # MT8815AE
Download  MT8815AE Download
File Size   56.82 Kbytes
Page   6 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO-CMOS 8 x 12 Analog Switch Array

MT8815AE Datasheet (PDF)

Go To PDF Page Download Datasheet
MT8815AE Datasheet PDF - Mitel Networks Corporation

Part # MT8815AE
Download  MT8815AE Click to download

File Size   56.82 Kbytes
Page   6 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO-CMOS 8 x 12 Analog Switch Array

MT8815AE Datasheet (HTML) - Mitel Networks Corporation


MT8815AE Product details

Description
The Mitel MT8815 is fabricated in MITEL’s ISO-CMOS technology providing low power dissipation and high reliability. The device contains a 8 x 12 array of crosspoint switches along with a 7 to 96 line decoder and latch circuits. Any one of the 96 switches can be addressed by selecting the appropriate seven address bits. The selected switch can be turned on or off by applying a logical one or zero to the DATA input. VSS is the ground reference of the digital inputs. The range of the analog signal is from VDD to VEE.

Features
• Internal control latches and address decoder
• Short set-up and hold times
• Wide operating voltage: 4.5V to 13.2V
• 12Vpp analog signal capability
• RON 65Ω max. @ VDD=12V, 25°C
• ∆RON ≤ 10Ω @ VDD=12V, 25°C
• Full CMOS switch for low distortion
• Minimum feedthrough and crosstalk
• Separate analog and digital reference supplies
• Low power consumption ISO-CMOS technology

Applications
• Key systems
• PBX systems
• Mobile radio
• Test equipment /instrumentation
• Analog/digital multiplexers
• Audio/Video switching




Similar Part No. - MT8815AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
logo
Mitel Networks Corporat...
MT8812AC MITEL-MT8812AC Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8812AE MITEL-MT8812AE Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8812AP MITEL-MT8812AP Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
More results


Similar Description - MT8815AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
ISO-CMOS 8 x 16 Analog Switch Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com