Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT88V32 Datasheet (PDF) - Mitel Networks Corporation

MT88V32 Datasheet PDF - Mitel Networks Corporation
Part # MT88V32
Download  MT88V32 Download
File Size   237.15 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 8 x 4 High Performance Video Switch Array

MT88V32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT88V32 Datasheet PDF - Mitel Networks Corporation

Part # MT88V32
Download  MT88V32 Click to download

File Size   237.15 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 8 x 4 High Performance Video Switch Array

MT88V32 Datasheet (HTML) - Mitel Networks Corporation


MT88V32 Product details

Description
The MT88V32 is a digitally programmable (TTL levels) 8×4 crosspoint switch that is designed to control wideband analog (video) signal.
Each of the 32 nodes of the switching matrix has a Tswitch, see Fig.1. This grounds the nodes of all open connections, which greatly reduces feedthrough noise. In order to reduce crosstalk, individual analog signal lines are isolated by interleaving them with ground lines.

Features
• 32 bidirectional CMOS "T" switches in an 8×4 non-blocking array
• Break-before-make switching configuration
• Fast setup & hold times for switch programming
• 3dB bandwidth of 200MHz
• Low feedthrough and crosstalk, better than -80dB at 5MHz
• Very low differential gain and phase errors
• 12Vpp bipolar signal capability
• On-state resistance 75Ω (max) for VDD=+5V, VEE=-7V
• Switch control through 2-stage latches
• Orthogonal Xi and Yi pin connections for optimized PCB layout
• Latch readback capability for monitoring

Applications
• High-end video routing and switching
• Medical instrumentation
• Automatic test equipment (ATE)
• Multi-media communication




Similar Part No. - MT88V32

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT8803R3 MAXIC-MT8803R3 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8803T0 MAXIC-MT8803T0 Datasheet
170Kb / 1P
Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
logo
Mitel Networks Corporat...
MT8804 MITEL-MT8804 Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8804AC MITEL-MT8804AC Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
More results


Similar Description - MT88V32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
4 X 4 video switch matrix
1995 Feb 06
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
8 x 4 Wideband Video Crosspoint Array
20-Dec-04
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
8 x 4 Wideband Video Crosspoint Array
25-Jun-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com