Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8941BP Datasheet (PDF) - Mitel Networks Corporation

MT8941BP Datasheet PDF - Mitel Networks Corporation
Part # MT8941BP
Download  MT8941BP Download
File Size   131.21 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL

MT8941BP Datasheet (PDF)

Go To PDF Page Download Datasheet
MT8941BP Datasheet PDF - Mitel Networks Corporation

Part # MT8941BP
Download  MT8941BP Click to download

File Size   131.21 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL

MT8941BP Datasheet (HTML) - Mitel Networks Corporation


MT8941BP Product details

Description

The MT8941B is a dual digital phase-locked loop providing the timing and synchronization signals for the T1 or CEPT transmission links and the ST-BUS. The first PLL provides the T1 clock (1.544 MHz) synchronized to the input frame pulse at 8 kHz. The timing signals for the CEPT transmission link and the ST-BUS are provided by the second PLL locked to an internal or an external 8 kHz frame pulse signal.



Features

• Provides T1 clock at 1.544 MHz locked to an 8 kHz reference clock (frame pulse)

• Provides CEPT clock at 2.048 MHz and ST-BUS clock and timing signals locked to an internal or

external 8 kHz reference clock

• Typical inherent output jitter (unfiltered)= 0.07 UI peak-to-peak

• Typical jitter attenuation at: 10 Hz=23 dB,100 Hz=43 dB, 5 to 40 kHz≥64 dB

• Jitter-free “FREE-RUN” mode

• Uncommitted two-input NAND gate

• Low power CMOS technology




Similar Part No. - MT8941BP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8941BP ZARLINK-MT8941BP Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
MT8941BP1 ZARLINK-MT8941BP1 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
MT8941BPR ZARLINK-MT8941BPR Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
MT8941BPR1 ZARLINK-MT8941BPR1 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
More results


Similar Description - MT8941BP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com