Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8964 Datasheet (PDF) - Mitel Networks Corporation

MT8964 Datasheet PDF - Mitel Networks Corporation
Part # MT8964
Download  MT8964 Download
File Size   324.9 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS Integrated PCM Filter Codec

MT8964 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT8964 Datasheet PDF - Mitel Networks Corporation

Part # MT8964
Download  MT8964 Click to download

File Size   324.9 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS Integrated PCM Filter Codec

MT8964 Datasheet (HTML) - Mitel Networks Corporation


MT8964 Product details

Description

Manufactured in ISO2-CMOS, these integrated filter/ codecs are designed to meet the demanding performance needs of the digital telecommunications industry, e.g., PABX, Central Office, Digital

telephones.



Features

• ST-BUS compatible

• Transmit/Receive filters & PCM Codec in one I.C

• Meets AT&T D3/D4 and CCITT G711 and G712

• µ-Law: MT8960/62/64/67

• A-Law: MT8961/63/65/67

• Low power consumption:

    Op.: 30 mW typ.

    Stby.: 2.5 mW typ.

• Digital Coding Options:

    MT8964/65/66/67 CCITT Code

    MT8960/61/62/63 Alternative Code

• Digitally controlled gain adjust of both filters

• Analog and digital loopback

• Filters and codec independently user accessible for testing

• Powerdown mode available

• 2.048 MHz master clock input

• Up to six uncommitted control outputs

• ±5V ±5% power supply




Similar Part No. - MT8964

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AC MITEL-MT8910-1AC Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AP MITEL-MT8910-1AP Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8920 MITEL-MT8920 Datasheet
534Kb / 24P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results


Similar Description - MT8964

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
Quad PCM Codec/Filter
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
ISO2-CMOS Integrated DTMFTransceiver
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
CMOS PCM CODEC-Filter Combination
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
5V PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
PCM Codec-Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com