Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5849 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5849 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5849
Download  SM5849 Download
File Size   352.0 Kbytes
Page   26 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Asynchronous Sample Rate Converter

SM5849 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5849 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5849
Download  SM5849 Click to download

File Size   352.0 Kbytes
Page   26 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Asynchronous Sample Rate Converter

SM5849 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5849 Product details

OVERVIEW

The SM5849AF is a digital audio signal, asynchronous sample rate converter LSI. It supports 16/20/24-bit word length input data, 16/20/24-bit word length output data, 2kHz to 100kHz input sample rate range, and 4kHz to 200kHz output sample rate range. It also features a built-in digital deemphasis filter and digital attenuator.



FEATURES

Functions

■ Left/right-channel processing (stereo)

■ 2 to 100kHz input sample rate range (fsi)

■ 4 to 200kHz output sample rate range (fso)

■ 0.45 to 2.2-times variable sample rate conversion ratio (fso/fsi)

■ Asynchronous input and output timing (clock inputs)

■ System clock inputs (input and output clocks inde pendent)

   • 256fsi or 384fsi input system clock select

   • 256fso or 384fso output system clock select

■ Deemphasis filter

   • IIR-type filter

   • 44.1, 48 or 32kHz

■ Digital attenuator

   • 11-bit data, 1025 levels

   • Smooth attenuation change

   • +12dB gain shift function

■ Direct mute function

■ Through mode operation

   • Direct connection from input to output

■ Output data clocks (LRCO, BCKO)

   • Slave mode: external input

   • Master mode: output system clock generated internally

■ Dither round-off processing

   • Dither round-off ON/OFF selectable

■ 3.3V single supply

■ 80-pin QFP

■ Silicon-gate CMOS process



Filter Characteristics and Converter Efficiency

■ 24-bit internal data word length

■ Deemphasis filter characteristics (IIR filter)

   • ±0.03dB gain deviation from ideal filter charac teristics

■ Anti-aliasing LPF characteristics

   • Output/input sample rate conversion ratio automatic filter select (6 FIR filters)

      - Up converter LPF

         1.0 to 2.2 times

      - Down converter LPF I

         0.92 times: 48.0 to 44.1kHz

      - Down converter LPF II

         0.73 times: 44.1 to 32.0kHz

      - Down converter LPF III

         0.67 times: 48.0 to 32.0kHz

      - Down converter LPF IV

         0.5 times: 48.0 to 24.0kHz

      - Down converter LPF V

         0.45 times: 48.0 to 22.1kHz

   • ±0.00005dB passband ripple

   • > 110dB stopband attenuation

■ Converter noise levels

   • ≤ −110dB internal calculation (quantization) noise

   • −98dB (16-bit output), −122dB (20-bit output), and −146dB (24-bit output) word rounding noise

■ Output S/N ratio (theoretical values)



Interfaces

■ Input data format

   • 2s-complement, L/R alternating, serial

   • IIS/non-IIS format

■ Output data format

   • 2s-complement, MSB first, L/R alternating, serial

   • Continuous bit clock

  

APPLICATIONS

■ Digital audio equipment-interface sample rate conversion (AV amplifiers, CD-R, DAT, MD and 8mm VTRs)

■ Commercial recording/editing equipment sample rate conversion




Similar Part No. - SM5849

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
More results


Similar Description - SM5849

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com