Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9041B Datasheet (PDF) - Mitel Networks Corporation

MT9041B Datasheet PDF - Mitel Networks Corporation
Part # MT9041B
Download  MT9041B Download
File Size   72.85 Kbytes
Page   19 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1 System Synchronizer

MT9041B Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9041B Datasheet PDF - Mitel Networks Corporation

Part # MT9041B
Download  MT9041B Click to download

File Size   72.85 Kbytes
Page   19 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description T1/E1 System Synchronizer

MT9041B Datasheet (HTML) - Mitel Networks Corporation


MT9041B Product details

Description

The MT9041B T1/E1 System Synchronizer contains a digital phase-locked loop (DPLL), which provides timing and synchronization signals for multitrunk T1 and E1 primary rate transmission links.

The MT9041B generates ST-BUS clock and framing signals that are phase locked to either a 2.048MHz, 1.544MHz, or 8kHz input reference.

The MT9041B is compliant with AT&T TR62411 and Bellcore GR-1244-CORE Stratum 4 Enhanced, Stratum 4, and ETSI ETS 300 011. It will meet the jitter tolerance, jitter transfer, intrinsic jitter, frequency accuracy, capture range and phase change slope requirements for these specifications.



Features

• Supports AT&T TR62411 and Bellcore GR-1244-CORE Stratum 4 Enhanced and Stratum 4 timing for DS1 Interfaces

• Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 timing for E1 Interfaces

• Selectable 1.544MHz, 2.048MHz or 8kHz input reference signals

• Provides C1.5, C2, C3, C4, C8 and C16 output clock signals

• Provides 3 different styles of 8 KHz framing pulses

• Attenuates wander from 1.9 Hz



Applications

• Synchronization and timing control for multitrunk T1 and E1 systems

• ST-BUS clock and frame pulse sources



 




Similar Part No. - MT9041B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9041 MITEL-MT9041 Datasheet
101Kb / 14P
Multiple Output Trunk PLL
MT9041AP MITEL-MT9041AP Datasheet
101Kb / 14P
Multiple Output Trunk PLL
More results


Similar Description - MT9041B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
T1/E1 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
T1/E1 Stratum 3 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
T1/E1 System Synchronizer with Holdover
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
PT7A4401C T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
T1/E1 System Synchronizer
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
T1/E1 Stratum 3 System Synchronizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com