Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9042 Datasheet (PDF) - Mitel Networks Corporation

MT9042 Datasheet PDF - Mitel Networks Corporation
Part # MT9042
Download  MT9042 Download
File Size   122.3 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Global Digital Trunk Synchronizer

MT9042 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9042 Datasheet PDF - Mitel Networks Corporation

Part # MT9042
Download  MT9042 Click to download

File Size   122.3 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Global Digital Trunk Synchronizer

MT9042 Datasheet (HTML) - Mitel Networks Corporation


MT9042 Product details

Description

The MT9042 is a digital phase-locked loop (PLL) designed to provide timing and synchronization signals for T1 and E1 primary rate transmission links that are compatible with ST-BUS/GCI frame alignment timing requirements. The PLL outputs can be synchronized to either a 2.048 MHz, 1.544 MHz, or 8 kHz reference. The T1 and E1 outputs are fully compliant with AT & T TR62411 (ACCUNET® T1.5) and ETSI ETS 300 011 intrinsic jitter and jitter transfer specifications, respectively, when synchronized to primary reference input clock rates of either 1.544 MHz or 2.048 MHz.



Features

• Provides T1 and E1 clocks, and ST-BUS/GCI framing signals locked to an input reference of either 8 kHz (frame pulse), 1.544 MHz (T1), or 2.048 MHz (E1)

• Meets AT & T TR62411 and ETSI ETS 300 011 specifications for a 1.544 MHz (T1), or 2.048 MHz (E1) input reference

• Provides Time Interval Error (TIE) correction to suppress input reference rearrangement transients

• Typical unfiltered intrinsic output jitter is 0.013 UI peak-to-peak

• Jitter attenuation of 15 dB @ 10 Hz, 34 dB @ 100 Hz and 50 dB @ 5 to 40 kHz

• Low power CMOS technology



Applications

• Synchronization and timing control for T1 and E1 digital transmission links

• ST-BUS clock and frame pulse sources

• Primary Trunk Rate Converters




Similar Part No. - MT9042

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9042C MITEL-MT9042C Datasheet
113Kb / 28P
Multitrunk System Synchronizer
MT9042CP MITEL-MT9042CP Datasheet
113Kb / 28P
Multitrunk System Synchronizer
More results


Similar Description - MT9042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3845 STMICROELECTRONICS-L3845 Datasheet
57Kb / 7P
TRUNK INTERFACE
Jun-1996
logo
Mitel Networks Corporat...
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT9042C MITEL-MT9042C Datasheet
113Kb / 28P
Multitrunk System Synchronizer
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
logo
List of Unclassifed Man...
D32124000 ETC2-D32124000 Datasheet
79Kb / 2P
Synchronizer Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com