Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT90810 Datasheet (PDF) - Mitel Networks Corporation

MT90810 Datasheet PDF - Mitel Networks Corporation
Part # MT90810
Download  MT90810 Download
File Size   303.83 Kbytes
Page   34 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Flexible MVIP Interface Circuit

MT90810 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90810 Datasheet PDF - Mitel Networks Corporation

Part # MT90810
Download  MT90810 Click to download

File Size   303.83 Kbytes
Page   34 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Flexible MVIP Interface Circuit

MT90810 Datasheet (HTML) - Mitel Networks Corporation


MT90810 Product details

Description
Mitel’s MT90810 is a Flexible MVIP Interface Circuit (FMIC). The MVIP (Multi-Vendor Integration Protocol) compliant device provides a complete MVIP compliant interface between the MVIP Bus and a wide variety of processors, telephony interfaces and other circuits. A built-in digital time-slot switch provides MVIP enhanced switching between the full MVIP Bus and any combination of up to 128 full duplex local channels of 64kbps each. An 8 bit microprocessor port allows real-time control of switching and programming of device configuration.

Features
• MVIP™ and ST-BUS™ compliant
• MVIP Enhanced Switching with 384x384 channel capacity (256 MVIP channels; 128 local channels)
• On-chip PLL for MVIP master/slave operation
• Local output clocks of 2.048,4.096,8.192MHz with programmable polarity
• Local serial interface is programmable to 2.048, 4.096, or 8.192Mb/s with associated clock outputs
• Additional control output stream
• Per-channel message mode
• Two independently programmable groups of up to 12 framing signals each
• Motorola non-multiplexed or Intel multiplexed/non-multiplexed microprocessor interface

Applications
• Medium size digital switch matrices
• MVIP interface functions
• Serial bus control and monitoring
• Centralized voice processing systems
• Voice/Data multiplexer




Similar Part No. - MT90810

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
Marktech 3 Leaded 10mm Bi−Color LEDs
logo
Mitel Networks Corporat...
MT90812 MITEL-MT90812 Datasheet
337Kb / 105P
Integrated Digital Switch (IDX)
MT90812AL MITEL-MT90812AL Datasheet
337Kb / 105P
Integrated Digital Switch (IDX)
MT90812AP MITEL-MT90812AP Datasheet
337Kb / 105P
Integrated Digital Switch (IDX)
More results


Similar Description - MT90810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
CMOS ARINC Bus Interface Circuit
March 1997
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Pyramid Semiconductor C...
PACE1754 PYRAMID-PACE1754 Datasheet
171Kb / 20P
SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
CMOS ARINC Bus Interface Circuit
logo
Axiomtek Co., Ltd.
P1127E-871 AXIOMTEK-P1127E-871 Datasheet
370Kb / 2P
Flexible expansion interface
logo
MMD Components
MVIP MMD-MVIP_13 Datasheet
141Kb / 2P
MVIP, MVIL & MVIV Series VCXO
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
CMOS ARINC Bus Interface Circuit
March 1997
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
Flexible circuit board materials
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com