Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT91600 Datasheet (PDF) - Mitel Networks Corporation

MT91600 Datasheet PDF - Mitel Networks Corporation
Part # MT91600
Download  MT91600 Download
File Size   65.66 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Programmable SLIC

MT91600 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT91600 Datasheet PDF - Mitel Networks Corporation

Part # MT91600
Download  MT91600 Click to download

File Size   65.66 Kbytes
Page   16 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Programmable SLIC

MT91600 Datasheet (HTML) - Mitel Networks Corporation


MT91600 Product details

Description
The Mitel MT91600 provides an interface between a switching system and a subscriber loop, mainly for short loop SLIC applications. The functions provided by the MT91600 include battery feed, programmable constant current, 2W to 4W conversion, off-hook and dial pulse detection, user definable line and network balance impedance’s and the capability of programming the audio gain externally. The device is fabricated as a CMOS circuit in a 28 pin SSOP package.

Features
• Transformerless 2W to 4W conversion
• Controls battery feed to line
• Programmable line impedance
• Programmable network balance impedance
• Off-hook and dial pulse detection
• Ring ground over-current protection
• Programmable gain
• Programmable constant current feed
• -22V to -72V battery operation

Applications
Line interface for:
• PABX/ONS
• Intercoms
• Key Telephone Systems
• Control Systems




Similar Part No. - MT91600

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91600 ZARLINK-MT91600 Datasheet
315Kb / 18P
Programmable SLIC
MT91600AN ZARLINK-MT91600AN Datasheet
315Kb / 18P
Programmable SLIC
MT91600AN1 ZARLINK-MT91600AN1 Datasheet
315Kb / 18P
Programmable SLIC
MT91600ANR ZARLINK-MT91600ANR Datasheet
315Kb / 18P
Programmable SLIC
MT91600ANR1 ZARLINK-MT91600ANR1 Datasheet
315Kb / 18P
Programmable SLIC
More results


Similar Description - MT91600

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
Programmable CODEC SLIC Advance Information
logo
Zarlink Semiconductor I...
MT91600 ZARLINK-MT91600 Datasheet
315Kb / 18P
Programmable SLIC
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
STMicroelectronics
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com