Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5859AF Datasheet (PDF) - Nippon Precision Circuits Inc

SM5859AF Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5859AF
Download  SM5859AF Download
File Size   173.18 Kbytes
Page   33 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description compression and non compression type antishock memory controller

SM5859AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5859AF Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5859AF
Download  SM5859AF Click to download

File Size   173.18 Kbytes
Page   33 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description compression and non compression type antishock memory controller

SM5859AF Datasheet (HTML) - Nippon Precision Circuits Inc


SM5859AF Product details

Overview
The SM5859 is a compression and non compression type anti-shock memory controller LSI for compact disc players. The compression level can be set in 4 levels, and external memory can be selected from 4 options (1M, 1M×2, 4M, 4M×2). Digital attenuator, soft mute and related functions are also incorporated. It operates from a 2.7 to 5.5 V wide supply voltage range.

Features
- 2-channel processing
- Serial data input
    •2s complement, 16-bit/MSB first, rear-packed format
- System clock input
    •384fs (16.9344 MHz)
- Anti-shock memory controller
- ADPCM compression method
    •4-level compression mode selectable
        4-bit compression mode 2.78 s/Mbit
        5-bit compression mode 2.22 s/Mbit
        6-bit compression mode 1.85 s/Mbit
        Full-bit non compression mode 0.74 s/Mbit
    •4 external DRAM configurations selectable
        2×4M DRAM (1M×4 bits)
        1×4M DRAM (1M×4 bits)
        2×1M DRAM (256K×4 bits)
        1×1M DRAM (256K×4 bits)
- Compression mode selectable
- Microcontroller interface
    •Serial command write and state read-out
    •Data residual quantity detector:
        15-bit operation, 16-bit output
    •Digital attenuator Full-bit setting
    •Soft attenuator function Noiseless attenuation-level switching (256- step switching in 23 ms max.)
    •Soft mute function
        Mute ON in 23 ms max. Direct return after soft mute release
    •Forced mute
- Extension I/O
    Microcontroller interface for external control using 5 extension I/O pins
- +2.7 to +5.5 V wide operating voltage range
- Schmitt inputs
    All input pins (including I/O pins) except CLK (system clock)
- Reset signal noise elimination
    Approximately 3.8 µs or longer (65 system clock pulses) continuous LOW-level reset
- 44-pin QFP package (0.8 mm pin pitch)




Similar Part No. - SM5859AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5851AF NPC-SM5851AF Datasheet
103Kb / 4P
DOLBY PROLOGIC DECODER
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
Amplified Pressure Sensor
More results


Similar Description - SM5859AF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66330SP MITSUBISHI-M66330SP Datasheet
1Mb / 55P
BAND COMPRESSION AND EXPANSION CONTROLLER
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
compression and non compression type shock-proof memory controller
SM5903CF NPC-SM5903CF Datasheet
176Kb / 31P
compression and non compression type anti-shock memory controller
SM5904BF NPC-SM5904BF Datasheet
266Kb / 35P
compression and non compression type shock-proof memory controller
SM5904CF NPC-SM5904CF Datasheet
267Kb / 35P
compression and non compression type
SM5905AF NPC-SM5905AF Datasheet
200Kb / 35P
compression and non compression type shock-proof memory controller
SM5907AF NPC-SM5907AF Datasheet
231Kb / 30P
compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
compression and non compression type shock-proof memory controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com