Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9174 Datasheet (PDF) - Mitel Networks Corporation

MT9174 Datasheet PDF - Mitel Networks Corporation
Part # MT9174
Download  MT9174 Download
File Size   33.97 Kbytes
Page   4 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit

MT9174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9174 Datasheet PDF - Mitel Networks Corporation

Part # MT9174
Download  MT9174 Click to download

File Size   33.97 Kbytes
Page   4 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit

MT9174 Datasheet (HTML) - Mitel Networks Corporation


MT9174 Product details

Description

The MT9173 (DSIC) and MT9174 (DNIC) are functionally identical to the MT9171/72 except for the addition of one feature. The MT9173/74 include a digital output pin indicating the temporal position of the received "SYNC" bit of the biphase transmission. This feature is especially useful for systems such as PCS wireless base station applications requiring close synchronization between microcells.



Features

• Receive sync output pulse

• Full duplex transmission over a single twisted pair

• Selectable 80 or 160 kbit/s line rate

• Adaptive echo cancellation

• Up to 3km (9173) and 4 km (9174) loop reach

• ISDN compatible (2B+D) data format

• Transparent modem capability

• Frame synchronization and clock extraction

• MITEL ST-BUS compatible

• Low power (typically 50 mW), single 5V supply



Applications

• TDD Digital PCS (DECT, CT2, PHS) base stations requiring cell synchronization

• Digital subscriber lines

• High speed data transmission over twisted wires

• Digital PABX line cards and telephone sets

• 80 or 160 kbit/s single chip modem



 




Similar Part No. - MT9174

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174 MITEL-MT9174 Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9174 ZARLINK-MT9174 Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT9174AE MITEL-MT9174AE Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9174AE ZARLINK-MT9174AE Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
logo
Mitel Networks Corporat...
MT9174AN MITEL-MT9174AN Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
More results


Similar Description - MT9174

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
ISO2-CMOS ST-BUS FAMILY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com