Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9300 Datasheet (PDF) - Mitel Networks Corporation

MT9300 Datasheet PDF - Mitel Networks Corporation
Part # MT9300
Download  MT9300 Download
File Size   110.59 Kbytes
Page   29 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Channel Voice Echo Canceller

MT9300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9300 Datasheet PDF - Mitel Networks Corporation

Part # MT9300
Download  MT9300 Click to download

File Size   110.59 Kbytes
Page   29 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Channel Voice Echo Canceller

MT9300 Datasheet (HTML) - Mitel Networks Corporation


MT9300 Product details

Description
The MT9300 Voice Echo Canceller implements a cost effective solution for telephony voice-band echo cancellation conforming to ITU-T G.168 requirements. The MT9300 architecture contains 16 groups of two echo cancellers (ECA and ECB) which can be configured to provide two channels of 64 milliseconds or one channel of 128 milliseconds echo cancellation. This provides 32 channels of 64 milliseconds to 16 channels of 128 milliseconds echo cancellation or any combination of the two configurations. The MT9300 supports ITU-T G.165 and G.164 tone disable requirements.

Features
• Independent multiple channels echo cancellation; from 32 channels of 64ms to 16 channels of 128ms with the ability to mix channels at 128ms or 64ms in any combination
• Independent Power Down mode for each group of 2 channels for power management
• Conforms to ITU-T G.165 and G.168 Recommendations
• Field proven, high quality performance
• Compatible to ST-BUS and GCI interface at 2Mb/s serial PCM
• PCM coding, µ/A-Law ITU-T G.711 or sign magnitude
• Per channel Fax/Modem G.164 2100Hz or G.165 2100Hz phase reversal Tone Disable
• Per channel echo canceller parameters control
• Transparent data transfer and mute
• Non-Linear processor with high quality subjective performance
• Protection against narrow band signal divergence
• Offset nulling of all PCM channels
• 10 MHz or 20 MHz master clock operation
• 3.3 Volts operation with 5-Volt tolerant inputs
• No external memory required
• Non-multiplexed microprocessor interface
• IEEE-1149.1 (JTAG) Test Access Port

Applications
• Voice over IP network gateways
• Voice over ATM, Frame Relay
• T1/E1/J1 multichannel echo cancellation
• Wireless base stations
• Echo Canceller pools
• DCME, satellite and multiplexer systems




Similar Part No. - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
Multi-Channel Voice Echo Canceller
MT9300BL ZARLINK-MT9300BL Datasheet
629Kb / 39P
Multi-Channel Voice Echo Canceller
MT9300BV ZARLINK-MT9300BV Datasheet
629Kb / 39P
Multi-Channel Voice Echo Canceller
More results


Similar Description - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
256 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com