Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NWK914D Datasheet (PDF) - Mitel Networks Corporation

NWK914D Datasheet PDF - Mitel Networks Corporation
Part # NWK914D
Download  NWK914D Download
File Size   122.37 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description PHY/PMD High Speed Copper Media Transceiver

NWK914D Datasheet (PDF)

Go To PDF Page Download Datasheet
NWK914D Datasheet PDF - Mitel Networks Corporation

Part # NWK914D
Download  NWK914D Click to download

File Size   122.37 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description PHY/PMD High Speed Copper Media Transceiver

NWK914D Datasheet (HTML) - Mitel Networks Corporation


NWK914D Product details

The NWK914D is a Physical Layer device designed for use in 100BASE-TX applications. The NWK914D has integrated the 100mb/s transceiver, clock and data recovery and NRZI conversion circuitry. It is designed for use in cost effective NIC adapter cards and 100BASE-TX repeater and switch applications.

FEATURES
■ Compatible with IEEE-802.3 Standards
■ Operates over 100 Meters of STP and Category 5 UTP cable
■ Five Bit TTL Level Symbol Interface
■ Integrated Clock and Data Recovery
■ Supports Full-duplex Operation
■ Integral 10 Mb/s Buffer for Dual 10 Mb/s & 100 Mb/s Applications
■ Adaptive Equalization
■ 25MHz to 125MHz Transmit Clock Multiplier
■ Programmable TX Output Current
■ Base Line Wander Correction
■ Single +5V supply
■ 52 Pin PQFP package




Similar Part No. - NWK914D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NWK914D ZARLINK-NWK914D Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
NWK914DCG ZARLINK-NWK914DCG Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
NWK914DGP1N ZARLINK-NWK914DGP1N Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
More results


Similar Description - NWK914D

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
100BASE-T MII-to-PMD Transceiver
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Broadcom Corporation.
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Zarlink Semiconductor I...
NWK914D ZARLINK-NWK914D Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
logo
Broadcom Corporation.
BCM5464SA1KRBG BOARDCOM-BCM5464SA1KRBG Datasheet
113Kb / 2P
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
BCM5464SR BOARDCOM-BCM5464SR Datasheet
153Kb / 2P
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com