Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16318 Datasheet (PDF) - Mitel Networks Corporation

PDSP16318 Datasheet PDF - Mitel Networks Corporation
Part # PDSP16318
Download  PDSP16318 Download
File Size   88.7 Kbytes
Page   8 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description PDSP16256GC1R

PDSP16318 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDSP16318 Datasheet PDF - Mitel Networks Corporation

Part # PDSP16318
Download  PDSP16318 Click to download

File Size   88.7 Kbytes
Page   8 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description PDSP16256GC1R

PDSP16318 Datasheet (HTML) - Mitel Networks Corporation


PDSP16318 Product details

The PDSP16318/A contains two independent 20-bit Adder/Subtractors combined with accumulator registers and shift structures. The four port architecture permits full 20MHz throughout in FFT and filter applications.
Two PDSP16318As combined with a single PDSP16112A Complex Multiplier provide a complete arithmetic solution for a Radix 2 DIT FFT Butterfly. A new complex Butterfly result can be generated every 50ns allowing 1K complex FFTs to be executed in 256µs.

FEATURES
■ Full 20MHz Throughout in FFT Applications
■ Four Independent 16-bit I/O Ports
■ 20-bit Addition or Accumulation
■ Fully Compatible with PDSP16112 Complex Multiplier
■ On Chip Shift Structures for Result Scaling
■ Overflow Detection
■ Independent Three-State Outputs and Clock Enables for 2 Port 20MHz Operation
■ 1.4 micron CMOS
■ 500mW Maximum Power Dissipation
■ 100 CQFP package

APPLICATIONS
■ High speed Complex FFT or DFTs
■ Complex Finite Impulse Response (FIR) Filtering
■ Complex Conjugation
■ Complex Correlation/Convolution




Similar Part No. - PDSP16318

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16318 ZARLINK-PDSP16318 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
PDSP16318 ZARLINK-PDSP16318 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP16318 ZARLINK-PDSP16318 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
PDSP16318 ZARLINK-PDSP16318 Datasheet
91Kb / 7P
Complex Accumulator
PDSP16318 ZARLINK-PDSP16318 Datasheet
98Kb / 7P
Pythagoras Processor
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com