Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1711 Datasheet (PDF) - Mitel Networks Corporation

SL1711 Datasheet PDF - Mitel Networks Corporation
Part # SL1711
Download  SL1711 Download
File Size   566.77 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quadrature Downconverter

SL1711 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL1711 Datasheet PDF - Mitel Networks Corporation

Part # SL1711
Download  SL1711 Click to download

File Size   566.77 Kbytes
Page   20 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Quadrature Downconverter

SL1711 Datasheet (HTML) - Mitel Networks Corporation


SL1711 Product details

The SL1711 is a quadrature downconverter, intended primarily for application in professional and consumer digital satellite tuners.
The device contains all elements necessary, with the exception of external local oscillator tank to form a complete system operating at standard satellite receiver intermediate frequencies. It is intended for use with external carrier recovery.
The device includes a low noise RF input amplifier, a reference VCO with prescaler output buffer and In-phase and Quadrature mixers with baseband buffer amplifiers containing AGC gain control.

FEATURES
■ Single chip system for wideband quadrature downconversion
■ Compatible with all standard high IF frequencies
■ Excellent gain and phase match up to 30MHz baseband
■ High output referred linearity for low distortion and multi channel application
■ Simple low component application
■ Fully balanced low radiation design with fully integrated quadrature generation
■ High operating input sensitivity
■ On-board AGC facility
■ On chip oscillator for varactor tuning or SAW resonator operation
■ ESD protection (Normal ESD handling procedures should be observed)

APPLICATIONS
■ Satellite receiver systems
■ Data communications systems
■ Cable systems




Similar Part No. - SL1711

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
SL1714C MITEL-SL1714C Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Laird Tech Smart Techno...
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
Neutral color and low silhouette
More results


Similar Description - SL1711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com