Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8855E Datasheet (PDF) - Mitel Networks Corporation

SP8855E Datasheet PDF - Mitel Networks Corporation
Part # SP8855E
Download  SP8855E Download
File Size   169.69 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.8GHz Parallel Load Professional Synthesiser

SP8855E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8855E Datasheet PDF - Mitel Networks Corporation

Part # SP8855E
Download  SP8855E Click to download

File Size   169.69 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.8GHz Parallel Load Professional Synthesiser

SP8855E Datasheet (HTML) - Mitel Networks Corporation


SP8855E Product details

The SP8855E is one of a family of parallel load synthesisers containing all the elements apart from the loop amplifier to fabricate a PLL synthesis loop. Other devices in the series are the SP8852E which is a fully programmable device requiring two 16 bit words to set the RF and reference counters, and the SP8854E which has hard wired reference counter programming and requires a single bit word to program the RF divider. The SP8855E replaces the existing SP8855D.

FEATURES
■ 2.8GHz Operating Frequency (IG GRADE)
■ Single 5V Supply Operation
■ High Comparison Frequency 50MHz
■ High Gain Phase Detector 1mA/rad
■ Programmable Phase Detector Gain
■ Zero "Dead Band" Phase Detector
■ Wide range of RF and Reference Divide Ratios
■ Programming by Hard Wired Inputs
■ Low cost plastic package option
■ GPS HI-REL level a screened option




Similar Part No. - SP8855E

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results


Similar Description - SP8855E

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
2쨌7GHz Parallel Load Professional Synthesiser
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
2쨌7GHz Parallel Load Professional Synthesiser
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com