Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5876 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5876 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5876
Download  SM5876 Download
File Size   154.0 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3rd-order, 2-channel D/A Converter

SM5876 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5876 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5876
Download  SM5876 Click to download

File Size   154.0 Kbytes
Page   17 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3rd-order, 2-channel D/A Converter

SM5876 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5876 Product details

OVERVIEW
The SM5876AM is a 3rd-order Σ∆, 2-channel D/A converter LSI for CD-ROM digital audio reproduction equipment. It incorporates an 8-times oversampling digital filter, deemphasis filter, attenuator, and soft mute circuits built-in., using NPC’s Molybdenum-gate CMOS technology.

FEATURES
■ System clock
    • 768fs (33.8688MHz)
    • 384fs (16.9344MHz)
■ Crystal oscillator circuit built-in
■ Infinity-zero detector circuit built-in
■ MSB first, rear-packed serial data input format (≤ 64fs bit clock)
■ 8-times oversampling digital filter
    • 32 dB stopband attenuation
    • ±0.05 dB passband ripple
    • −0.34 dB passband correction for 70 kHz LPF
■ 3-line microcontroller interface for output mode and attenuator control settings
■ 16 output modes
■ Deemphasis filter operation
    • 36 dB stopband attenuation
    • −0.09 to +0.23 dB deviation
    • −0.34 dB passband correction for 70 kHz LPF
■ Attenuator
    • 8-bit attenuator (linear 256 steps)
    • Independent left/right-channel set function
    • Soft mute function (approx. 1024/fs mute time)
■ Σ∆ 2-channel D/A converter
    • 3rd-order noise shaper
    • 32fs oversampling
■ 44.1 kHz sampling frequency
■ 2.7 to 5.5 V operating supply voltage range (4.5 to 5.5 V operating supply voltage range with 768fs system clock)
■ 24-pin SSOP
■ Molybdenum-gate CMOS process




Similar Part No. - SM5876

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results


Similar Description - SM5876

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Nippon Precision Circui...
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
3rd-order , 2-channel D/A converter
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
3rd-order , 2-channel D/A Converter
logo
fujitsu semiconductor
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
logo
Nippon Precision Circui...
SM588X NPC-SM588X Datasheet
196Kb / 16P
Audio 3rd-order D/A Converter
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
8-Bit, 2-Channel D-A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com