Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP215 Datasheet (PDF) - Mitel Networks Corporation

VP215 Datasheet PDF - Mitel Networks Corporation
Part # VP215
Download  VP215 Download
File Size   187.09 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Dual 90MHz 6-Bit Analog to Digital Converter

VP215 Datasheet (PDF)

Go To PDF Page Download Datasheet
VP215 Datasheet PDF - Mitel Networks Corporation

Part # VP215
Download  VP215 Click to download

File Size   187.09 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Dual 90MHz 6-Bit Analog to Digital Converter

VP215 Datasheet (HTML) - Mitel Networks Corporation


VP215 Product details

Dual 90MHz 6-Bit Analog to Digital Converter

The VP215 is a dual 90MHz 6-bit Analog to Digital Converter designed for use in consumer satellite receivers and decoders, video systems, multimedia and communications applications.
Operating from a single +5V supply, the VP215 includes an on-chip high bandwidth ADC driver amplifier, a 6-bit ADC and digital I/O that can be interfaced to either +5V or +3V. The VP215 also has the necessary bias voltages for the reference resistor chain in the flash architecture of the ADC.

FEATURES
■ 90MHz Conversion Rate
■ TTL Clock/Data Interface
■ 0.5 Volt Analog Input Range
■ Internal ADC Reference
■ Digital I/O’s compatible with +5V or +3V logic
■ Single 5 Volt Supply
■ Dual ADC System for good channel matching

APPLICATIONS
■ Satellite Decoders
■ Multimedia
■ Communications




Similar Part No. - VP215

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
Dual 90MHz 6-Bit Analog to Digital Converter
More results


Similar Description - VP215

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
6-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Mitel Networks Corporat...
VP211 MITEL-VP211 Datasheet
133Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
VP213 MITEL-VP213 Datasheet
187Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter
VP216 MITEL-VP216 Datasheet
143Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP211 ZARLINK-VP211 Datasheet
261Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
Dual 90MHz 6-Bit Analog to Digital Converter
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Texas Instruments
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
6-BIT ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com