Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2204 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2204 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2204
Download  G2204 Download
File Size   35.87 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 7-Channel DC-DC Converter for DSC

G2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2204 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2204
Download  G2204 Click to download

File Size   35.87 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 7-Channel DC-DC Converter for DSC

G2204 Datasheet (HTML) - Global Mixed-mode Technology Inc


G2204 Product details

General Description
The G2204 provide a complete power supply solution for digital cameras. They improve performance, component count, and size compared to other multi-channel controllers in 2-cell AA, 1-cell Li-Ion, and multi-battery designs. On-chip MOSFETs provide up to 92~95% efficiency for critical power supplies. All channels DC/DC operate at one fixed frequency of 1.5MHz/750KHz to optimize size, cost, and efficiency. All Synchronous converters operate at pulse skipping mode at light load. They also feature True-Shutdown as well as internal compensation to minimize external component count.

Features
■ 1.5V ~ 5.5V Input Voltage Operation.
■ 95% Efficient DC/DC Converter.
■ Highly Integrated 7-CH DC/DC with integrated Power MOSFETs.
■ Main Channel Selectable Buck or Boost for 2*AA or Li-Ion Application.
■ Built-in 6 Channel Synchronous Rectified Current-Mode PWM/PSM Converter, 1 Channel Non-Synchronous Rectified Current-Mode PWM Converter.
■ Selectable Boost Type with LED open protection or Current Regulation Type LED Driver.
■ 32-steps brightness control for LED Driver
■ Built-in HV LDO and RTC LDO
■ Low Power Consumption ( Sleep Mode ) < 10uA.
■ Built-In Power ON/OFF Sequence for 4 Channel Synchronous Rectified Converter.
■ Built-In Power ON Sequence for CCD+,CCD power.
■ Built-In Short Circuit Protection (SCP) & Under Voltage Protection (UVP) .
■ Cycle-by-Cycle current limit for DC/DC Converter
■ Built-In Thermal Shutdown Function.
■ Built-In Battery OVP Function.
■ Built-In Soft-Start Function.
■ Built-In True Shutdown in Boost Converter.
■ Fixed 1.5MHz/750KHz Operating Frequency.
■ TQFN4x4-32 Package.

Applications
■ DSC Power Supply




Similar Part No. - G2204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G220414 VISHAY-G220414 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results


Similar Description - G2204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
5 CHANNEL DC-DC CONVERTER FOR DSC
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
4-Channel DC-DC Converter for DSC
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Richtek Technology Corp...
RT9986 RICHTEK-RT9986 Datasheet
443Kb / 24P
7-CH DC/DC Converter for DSC
logo
Global Mixed-mode Techn...
G2202B GMT-G2202B Datasheet
28Kb / 1P
7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Richtek Technology Corp...
RT9986A RICHTEK-RT9986A Datasheet
444Kb / 24P
7-CH DC/DC Converter for DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com