Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM8958A Datasheet (PDF) - Chino-Excel Technology

CEM8958A Datasheet PDF - Chino-Excel Technology
Part # CEM8958A
Download  CEM8958A Download
File Size   427.18 Kbytes
Page   7 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual Enhancement Mode Field Effect Transistor

CEM8958A Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM8958A Datasheet PDF - Chino-Excel Technology

Part # CEM8958A
Download  CEM8958A Click to download

File Size   427.18 Kbytes
Page   7 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual Enhancement Mode Field Effect Transistor

CEM8958A Datasheet (HTML) - Chino-Excel Technology


CEM8958A Product details

FEATURES
■ 30V, 6.8A, RDS(ON) = 28mΩ @VGS = 10V.
                     RDS(ON) = 42mΩ @VGS = 4.5V.
■ -30V, -4.8A, RDS(ON) = 58mΩ @VGS = -10V.
                       RDS(ON) = 85mΩ @VGS = -4.5V.
■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ Surface mount Package.
■ Lead free product is acquired.




Similar Part No. - CEM8958A

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEM8958A CET-MOS-CEM8958A Datasheet
834Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 5. 2018.Aug
More results


Similar Description - CEM8958A

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
Dual Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com