Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016D-150SI Datasheet (PDF) - Advanced Micro Devices

AM29F016D-150SI Datasheet PDF - Advanced Micro Devices
Part # AM29F016D-150SI
Download  AM29F016D-150SI Download
File Size   1145.85 Kbytes
Page   45 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory

AM29F016D-150SI Datasheet (PDF)

Go To PDF Page Download Datasheet
AM29F016D-150SI Datasheet PDF - Advanced Micro Devices

Part # AM29F016D-150SI
Download  AM29F016D-150SI Click to download

File Size   1145.85 Kbytes
Page   45 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory

AM29F016D-150SI Datasheet (HTML) - Advanced Micro Devices


AM29F016D-150SI Product details

GENERAL DESCRIPTION
The Am29F016D is a 16 Mbit, 5.0 volt-only Flash memory organized as 2,097,152 bytes. The 8 bits of data appear on DQ0–DQ7. The Am29F016D is offered in 48-pin TSOP, 40-pin TSOP, and 44-pin SO packages. The device is also available in Known Good Die (KGD) form. For more information, refer to publication number 21551. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ 5.0 V ± 10%, single power supply operation
    — Minimizes system level power requirements
■ Manufactured on 0.23 µm process technology
    — Compatible with 0.5 µm Am29F016 and 0.32 µm Am29F016B devices
■ High performance
    — Access times as fast as 70 ns
■ Low power consumption
    — 25 mA typical active read current
    — 30 mA typical program/erase current
    — 1 µA typical standby current (standard access time to active mode)
■ Flexible sector architecture
    — 32 uniform sectors of 64 Kbytes each
    — Any combination of sectors can be erased
    — Supports full chip erase
    — Group sector protection:
        A hardware method of locking sector groups to prevent any program or erase operations within that sector group
        Temporary Sector Group Unprotect allows code changes in previously locked sectors
■ Embedded Algorithms
    — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors
    — Embedded Program algorithm automatically writes and verifies bytes at specified addresses
■ Unlock Bypass Program Command
    — Reduces overall programming time when issuing multiple program command sequences
■ Minimum 1,000,000 program/erase cycles per sector guaranteed
■ 20-year data retention at 125°C
    — Reliable operation for the life of the system
■ Package options
    — 48-pin and 40-pin TSOP
    — 44-pin SO
    — Known Good Die (KGD) (see publication number 21551)
■ Compatible with JEDEC standards
    — Pinout and software compatible with single-power-supply Flash standard
    — Superior inadvertent write protection
■ Data# Polling and toggle bits
    — Provides a software method of detecting program or erase cycle completion
■ Ready/Busy# output (RY/BY#)
    — Provides a hardware method for detecting program or erase cycle completion
■ Erase Suspend/Erase Resume
    — Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Hardware reset pin (RESET#)
    — Resets internal state machine to the read mode




Similar Part No. - AM29F016D-150SI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016D-120DGC1 AMD-AM29F016D-120DGC1 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DGI1 AMD-AM29F016D-120DGI1 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DPC1 AMD-AM29F016D-120DPC1 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DPI1 AMD-AM29F016D-120DPI1 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DTC1 AMD-AM29F016D-120DTC1 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results


Similar Description - AM29F016D-150SI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B Datasheet
451Kb / 37P
8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
AM29F017D SPANSION-AM29F017D Datasheet
1,021Kb / 44P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D_06 Datasheet
1Mb / 43P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B_06 Datasheet
770Kb / 39P
8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F016D SPANSION-AM29F016D_09 Datasheet
1Mb / 44P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com