Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G707 Datasheet (PDF) - Global Mixed-mode Technology Inc

G707 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G707
Download  G707 Download
File Size   47.95 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Programmable Remote Thermal Diode Temperature Switch

G707 Datasheet (PDF)

Go To PDF Page Download Datasheet
G707 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G707
Download  G707 Click to download

File Size   47.95 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Programmable Remote Thermal Diode Temperature Switch

G707 Datasheet (HTML) - Global Mixed-mode Technology Inc


G707 Product details

General Description
The G707 is a fully integrated, programmable remote thermal diode temperature switch with a threshold set by pin-strapping SET0 and SET1. The remote diode is a diode-connected transistor typically low-cost, easily mounted 2N3904 NPN type, 2N3906 PNP type transistor or CPU/GPU build-in thermal diode. It requires only let pin SET0 and SET1 tie to GND, VCC or floating to set the temperature threshold within a 60°C to +124°C temperature range. The G707 provides an open-drain, active low output. This switch operates with a +3.0V to +5.5V single supply while providing a temperature threshold accuracy of ±1.0°C (TYP) or ±3.0°C (max, +60°C to +100°C). Hysteresis is pin selectable to 2°C or 10°C.

Features
■ ±1.0°C Typical Threshold Accuracy
■ ±3.0°C (max) Threshold Accuracy (+60°C to +100°C)
■ Temperature Threshold Set by Pin SET0, SET1
■ Open-Drain Active Low Output Stage
■ Pin-Selectable 2°C or 10°C Hysteresis
■ SOP-8 and MSOP-8 Packages

Applications
■ µP Temperature Monitoring in High-Speed
■ Computers
■ Temperature Control
■ Temperature Alarms
■ Fan Control
■ Automotive




Similar Part No. - G707

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G700500250G ETC2-G700500250G Datasheet
1Mb / 16P
INDUSTRY STANDARDS
logo
Goford Semiconductor
G700P06D3 GOFORD-G700P06D3 Datasheet
653Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D3A GOFORD-G700P06D3A Datasheet
924Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06D5 GOFORD-G700P06D5 Datasheet
950Kb / 6P
P-Channel Enhancement Mode Power MOSFET
G700P06H GOFORD-G700P06H Datasheet
816Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - G707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM88 NSC-LM88 Datasheet
196Kb / 9P
Factory Programmable Dual Remote-Diode Thermostat
logo
BCD Semiconductor Manuf...
AP2602 BCDSEMI-AP2602 Datasheet
408Kb / 12P
Octave Remote Resistor-programmable Temperature Switches
logo
Global Mixed-mode Techn...
G718 GMT-G718 Datasheet
81Kb / 1P
Dual Remote Resistor-Programmable Temperature Switches
G717 GMT-G717 Datasheet
37Kb / 1P
Octave Remote Resistor-Programmable Temperature switches
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX6513 MAXIM-MAX6513 Datasheet
193Kb / 6P
Low-Cost, Remote Temperature Switch
2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com