Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G680 Datasheet (PDF) - Global Mixed-mode Technology Inc

G680 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G680
Download  G680 Download
File Size   56.35 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G680 Datasheet (PDF)

Go To PDF Page Download Datasheet
G680 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G680
Download  G680 Click to download

File Size   56.35 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Microprocessor Reset IC

G680 Datasheet (HTML) - Global Mixed-mode Technology Inc


G680 Product details

General Description

The G680/G681 are microprocessor (µP) supervisory circuits used to monitor the power supplies in µP and digital systems. High- and Low- voltage thresholds can be adjusted independently, allowing for wide hystere sis. Voltage detection thresholds are accurate to 2%. These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage declines below the low-voltage threshold, keeping it asserted for at least 140ms after VCC has risen above the high-voltage threshold.



Features

High ±2% Voltage Threshold Accuracy

Independently Adjustable High- and Low Voltage Thresholds

Fully Specified Over Temperature

Available in Three Output Configurations

  Push-Pull RESET Output (G680L)

  Push-Pull RESET Output (G680H)

  Open-Drain RESET Output (G681L)

„140ms min Power-On Reset Pulse Width

4µA Supply Current

Power Supply Transient Immunity

5-Pin SOT23-5 Packages



Applications

Computers

Controllers

Intelligent Instruments

Critical µP and µC Power Monitoring

Portable / Battery-Powered Equipment

Automotive




Similar Part No. - G680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
BELIMO AIRCONTROLS (USA...
G680C BELIMO-G680C Datasheet
1Mb / 4P
Flow characteristic equal percentage
G680CS BELIMO-G680CS Datasheet
996Kb / 4P
Flow characteristic equal percentage
G680LCS BELIMO-G680LCS Datasheet
996Kb / 4P
Fluid chilled or hot water, up to 60% glycol, steam
More results


Similar Description - G680

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com