Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPCA533A Datasheet (PDF) - List of Unclassifed Manufacturers

SPCA533A Datasheet PDF - List of Unclassifed Manufacturers
Part # SPCA533A
Download  SPCA533A Download
File Size   135.64 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Still Camera Controller

SPCA533A Datasheet (PDF)

Go To PDF Page Download Datasheet
SPCA533A Datasheet PDF - List of Unclassifed Manufacturers

Part # SPCA533A
Download  SPCA533A Click to download

File Size   135.64 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Still Camera Controller

SPCA533A Datasheet (HTML) - List of Unclassifed Manufacturers


SPCA533A Product details

[Sunplus Technology Co., Ltd.]

General Description
The SPCA533A is a highly integrated solution for DSC (Digital Still Camera) application. It consists of image processing engine, image compression engine, the storage interface controller, TV encoder, LCD interface controller and USB interface. The SPCA533A supports a wide range of sensors, including most-commonly used CMOS and CCD sensors. Flexible control of the internal buffer allows the SPCA533A chip to support up to 4-mega pixels image resolution. It also supports many flash memory card interfaces, including CFC, MMC, SMC, and SD. The SPCA533A can also interface to both TFT LCD panels and STN LCD panels for preview. With the fully supports to a DSC’s major peripherals, the customers can realize a DSC system with the minimum cost.

Features
● Dual mode operation, support PC-camera mode and Digital Still camera mode
● Support major CMOS sensors and CCD sensors
   CMOS sensors:
      CIF/100K Agilent HDCS1020, Photobit PB100/101, OmniVision OV6620, Hynix HV7121B, Sharp LZ34C10, TASC
         TAS5110A, Pixart PAS106B
      VGA/300K Agilent HDCS2020, Photobit PB320, OmniVision OV7620, Hynix HV7131B, Sharp LZ34B10, PIXART PAS102,
         TASC TAS5130A, Biomorphic BI8602, IC Media ICM205DL, Motorola SCM20014, National Semiconductor
         LM9627, Century Semiconductor CS2102
      SVGA/500K PixelCam PCS2112, Hynix HV7141B
      1.3M OmniVision OV9620, Motorola MCM20027
      3M Y-medai YM3170
   CCD sensors:
      VGA/300K Sharp LZ24BP, Sony ICX098AK, Panasonic MN37771
      800K Sony ICX204AK
      1.3 M SharpLZ23J3V, Sharp RJ23J3A, Sharp RJ24J3A, Sony ICX202AQ, Panasonic MN39742
      1.45M Sony ICX205AK
      2.0M Sharp LZ21N3V, RJ23N3A, Sony ICX224AQ, Sony ICX284AQ, Panasonic MN39471
      3.0M Sony ICX262AQ, Sharp RJ21P3A, Panasonic MN39592
      4.0M Sony ICX406AQF,
● Mechanical shutter and flash light control support
● Real timer scaling function in the preview and video clip mode
● Two-dimensional edge enhancement
● Excellent color correction and interpolation
● 25 AE/AWB measurement windows, full image coverage
● Bad-pixel correction up to 256 pixels
● Built-in TV encoder with DAC, support both NTSC and PAL composite video
● Digital TV output interface, conform to CCIR601(8-bit/16-bit data bus) and CCIR656 standard
● Digital TV input interface, CCIR601(8-bit data bus) and CCIR656
● Digital TFT LCD output interface, Unipac, Epson, Casio, Prime view
● Digital STN LCD panel interface for GiantPlus panels
● Support font-based OSD and graphic-based OSD
● Support SDRAM interface, 16M/64M/128M/256M
● Storage media interface, SD/Nand-gate flash/MMC/CFA/SMC
● Built-in Audio codec
● Digital AC-97 codec interface (AC-link)
● IMA ADPCM audio compression/decompression
● Serial interface to integrate with Sunplus’s MP3 decoder (SPCA751)
● Standard JPEG compression/decompression engine.
● Built-in 8032 micro-controller with 8K bytes SRAM
● Support ISP (in-system-programming) function
● Support ICE interface to ease system development
● Extended external ROM space, up to 1M bytes
● Four programmable PWM outputs
● USB1.1 interface, support 10 pipes
● 3.3V/2.5V dual power supply
● Package LQFP216/LQFP256/TFBGA280




Similar Part No. - SPCA533A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
Dual Mode PC Camera Processor
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
Digital Audio USB Controller
More results


Similar Description - SPCA533A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
Digital Still Camera
1999 sep 01
SAA8122A PHILIPS-SAA8122A Datasheet
885Kb / 26P
Digital Still Camera Processor ImagIC family
Rev. 01-20 April 2000
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
Clock generator for digital still camera
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
Chip-set for Digital Still Camera
logo
Rohm
BD9730KV ROHM-BD9730KV Datasheet
231Kb / 6P
5-Channel Switching Regulator Controller for Digital Still Camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
Clock generator for digital still camera
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
Clock generator for digital still camera
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
Microphone Amplifier for Digital Still Camera
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
Microphone Amplifier for Digital Still Camera
May, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com