Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5196 Datasheet (PDF) - Global Mixed-mode Technology Inc

G5196 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5196
Download  G5196 Download
File Size   99.92 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, 6A Output, Synchronous Step Down1

G5196 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5196 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5196
Download  G5196 Click to download

File Size   99.92 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, 6A Output, Synchronous Step Down1

G5196 Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G5196

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5192 GMT-G5192 Datasheet
102Kb / 1P
25m RON 3A High Side One Channel Load Switch in 1mm X1mm WLCSP package
G5193 GMT-G5193 Datasheet
128Kb / 1P
G5193 Global Mixed-mode Technology
G5193R41U GMT-G5193R41U Datasheet
128Kb / 1P
G5193 Global Mixed-mode Technology
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
G5198 GMT-G5198 Datasheet
34Kb / 1P
Ultra-Low Loss Load Switch
More results


Similar Description - G5196

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5172 GMT-G5172 Datasheet
251Kb / 2P
High Efficiency, 4A Output, Synchronous Step Down
logo
Monolithic Power System...
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com