Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3403 Datasheet (PDF) - Global Mixed-mode Technology Inc

G3403 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G3403
Download  G3403 Download
File Size   39.46 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Bidirectional I2C Bus and SMBus Voltage Level Translator

G3403 Datasheet (PDF)

Go To PDF Page Download Datasheet
G3403 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G3403
Download  G3403 Click to download

File Size   39.46 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Bidirectional I2C Bus and SMBus Voltage Level Translator

G3403 Datasheet (HTML) - Global Mixed-mode Technology Inc


G3403 Product details

General Description
The G3403 is a bidirectional I2C and SMBUS voltage-level translator with an enable (EN) input, and is operational from 1.2V to 3.3V VREF1 and 2.5V to 5.5V VREF2 . It allows bidirectional voltage translations between 1.2V and 5V, without use of directional pin. The low ON-state resistance (rON) of the switch ensures the connections to be with minimal propagation delay. When EN is high, the translator switch is ON, and the SCL1 I/O is connected to the SCL2 I/O, respectively, allowing bidirectional data flow between ports. When EN is low, the translator switch is off, and a high-impedance exists between ports.

Features
■ 1-Bit Bidirectional Translator
■ I2C and SMBus Compatible
■ Less than 1.5ns Maximum Propagation Delay to Accommodate Standard-Mode and Fast-Model I2C Devices and Multiple Masters
■ Allows Voltage-Level Translator Between
    ♦ 1.2V VREF1 and 2.5V, 3.3V, 5V VREF2
    ♦ 1.8V VREF1 and 3.3V, 5V VREF2
    ♦ 3.3V VREF1 and 5V VREF2
■ Provides Bidirectional Voltage Translation without Direction Pin
■ Low 3.5Ω ON-State Connection Between Input and Output Ports Provides Less Signal Distortion
■ Open-Drain I2C I/O Ports
■ 5V Tolerant I2C I/O Ports to Support Mixed Mode Signal Operation
■ High Impedance for SCL1 and SCL2 as EN=Low
■ Lock-up-Free Operation for Isolation When EN=Low




Similar Part No. - G3403

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3403 GTM-G3403 Datasheet
367Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3403 ETL-G3403 Datasheet
371Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
G3403A GTM-G3403A Datasheet
383Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3403A ETL-G3403A Datasheet
387Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Similar Description - G3403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
logo
Texas Instruments
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com