Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCOCXOHS Datasheet (PDF) - Golledge Electronics Ltd

SCOCXOHS Datasheet PDF - Golledge Electronics Ltd
Part # SCOCXOHS
Download  SCOCXOHS Download
File Size   149.61 Kbytes
Page   2 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3 & 5.0V OCXO Sine Output Low Phase Noise

SCOCXOHS Datasheet (PDF)

Go To PDF Page Download Datasheet
SCOCXOHS Datasheet PDF - Golledge Electronics Ltd

Part # SCOCXOHS
Download  SCOCXOHS Click to download

File Size   149.61 Kbytes
Page   2 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3 & 5.0V OCXO Sine Output Low Phase Noise

SCOCXOHS Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - SCOCXOHS

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
logo
Golledge Electronics Lt...
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
5V Sine Output OCXO
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHSVT-AR110 MICROCRYSTAL-SCOCXOHSVT-AR110 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
SCOCXOHSVT-AR1100 MICROCRYSTAL-SCOCXOHSVT-AR1100 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
SCOCXOHSVT-AR1108 MICROCRYSTAL-SCOCXOHSVT-AR1108 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
More results


Similar Description - SCOCXOHS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
logo
Golledge Electronics Lt...
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
3.3 & 5.0V OCXO CMOS Output Low Phase Noise
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM2520-11 AXTAL-AXIOM2520-11 Datasheet
103Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
2014-07-09
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com