Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5385A Datasheet (PDF) - Global Mixed-mode Technology Inc

G5385A Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5385A
Download  G5385A Download
File Size   92.91 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 8A Synchronous Buck Converter

G5385A Datasheet (PDF)

Go To PDF Page Download Datasheet
G5385A Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5385A
Download  G5385A Click to download

File Size   92.91 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency 8A Synchronous Buck Converter

G5385A Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G5385A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5385 GMT-G5385 Datasheet
125Kb / 1P
High Efficiency 10A Synchronous Buck Converter
More results


Similar Description - G5385A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5383 GMT-G5383 Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5382 GMT-G5382 Datasheet
91Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5380B GMT-G5380B Datasheet
59Kb / 1P
High Efficiency 8A Synchronous Buck Converter for 3.3V System Power
G5380 GMT-G5380 Datasheet
59Kb / 1P
High Efficiency 8A Synchronous Buck Converter for 5V System Power
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5312 GMT-G5312 Datasheet
95Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com