Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4728A Datasheet (PDF) - Diotech Company.

SMA4728A Datasheet PDF - Diotech Company.
Part # SMA4728A
Download  SMA4728A Download
File Size   657.61 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 1W SURFACE MOUNT SILICON ZENER DIODE

SMA4728A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4728A Datasheet PDF - Diotech Company.

Part # SMA4728A
Download  SMA4728A Click to download

File Size   657.61 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 1W SURFACE MOUNT SILICON ZENER DIODE

SMA4728A Datasheet (HTML) - Diotech Company.




Similar Part No. - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4728A YANGJIE-SMA4728A Datasheet
194Kb / 3P
Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4728A SOCAY-SMA4728A Datasheet
149Kb / 5P
SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4728A SOCAY-SMA4728A Datasheet
149Kb / 5P
Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Similar Description - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
1W SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
1W SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com