Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G960 Datasheet (PDF) - Global Mixed-mode Technology Inc

G960 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G960
Download  G960 Download
File Size   56.54 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.3V 1A Low Dropout Regulator

G960 Datasheet (PDF)

Go To PDF Page Download Datasheet
G960 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G960
Download  G960 Click to download

File Size   56.54 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.3V 1A Low Dropout Regulator

G960 Datasheet (HTML) - Global Mixed-mode Technology Inc


G960 Product details

General Description

The G960 positive 3.3V voltage regulator features the ability to source 1A of output current with a dropout voltage of typically 0.8V over the entire operating temperature range. A low quiescent current is provided over the entire current output current range. The typical quiescent current is 0.6mA. Furthermore, the quiescent current is smaller when the regulator is in the dropout mode (VIN < 3.3V).

Familiar regulator features such as over temperature and over current protection circuits are provided to prevent it from being damaged by ab normal operating conditions.



Features

■ Dropout voltage typically 0.8V @ IO = 1A

■ Output current in excess of 1A

■ Output voltage accuracy ±2%

■ Quiescent current, typically 600µA

■ Internal short circuit current limit

■ Internal over temperature protection



Applications

■ CD-R/W

■ ADSL

■ Cable Modem

■ Set-Top-Box

■ LAN switch/Hub

■ Router

■ DVD-R/W



 




Similar Part No. - G960

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T33T ETC-G960T33T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T36T ETC-G960T36T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T43U ETC-G960T43U Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T45U ETC-G960T45U Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
More results


Similar Description - G960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
3.3V 1A Low Dropout Regulator with Disable
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com