Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5913B Datasheet (PDF) - Diotech Company.

1N5913B Datasheet PDF - Diotech Company.
Part # 1N5913B
Download  1N5913B Download
File Size   1071.43 Kbytes
Page   4 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 3W SILICON ZENER DIODE

1N5913B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5913B Datasheet PDF - Diotech Company.

Part # 1N5913B
Download  1N5913B Click to download

File Size   1071.43 Kbytes
Page   4 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 3W SILICON ZENER DIODE

1N5913B Datasheet (HTML) - Diotech Company.




Similar Part No. - 1N5913B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
53Kb / 1P
ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
227Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
More results


Similar Description - 1N5913B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
3W SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
SILICON ZENER DIODE
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
3W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1SMB5913A ZSELEC-1SMB5913A Datasheet
409Kb / 4P
3W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
Zener Diodes 3W
logo
FutureWafer Tech Co.,Lt...
1SMB59XXBT3G FUTUREWAFER-1SMB59XXBT3G Datasheet
1Mb / 10P
3W Zener Voltage Regulators
20-DEC-2021 V 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com