Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD1006FR Datasheet (PDF) - ON Semiconductor

UD1006FR Datasheet PDF - ON Semiconductor
Part # UD1006FR
Download  UD1006FR Download
File Size   205.63 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Planar Ultrafast Rectifier

UD1006FR Datasheet (PDF)

Go To PDF Page Download Datasheet
UD1006FR Datasheet PDF - ON Semiconductor

Part # UD1006FR
Download  UD1006FR Click to download

File Size   205.63 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Planar Ultrafast Rectifier

UD1006FR Datasheet (HTML) - ON Semiconductor


UD1006FR Product details

Planar Ultrafast Rectifier
Low VF type, 10A, 600V, 1.3V, TO-220F-2FS

Features
• VRRM=600V 
• VF=1.3V max (IF=10A)
• trr=60ns(typ) (IF=0.5A, IR=1A) 
• Halogen free compliance




Similar Part No. - UD1006FR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
UD1006FR SANYO-UD1006FR Datasheet
193Kb / 3P
Low VF Switching Diode
UD1006FR-H SANYO-UD1006FR-H Datasheet
306Kb / 5P
Diffused Junction Silicon Diode Low VF Switching Diode
UD1006FR SANYO-UD1006FR_12 Datasheet
306Kb / 5P
Diffused Junction Silicon Diode Low VF Switching Diode
More results


Similar Description - UD1006FR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RD0106T ONSEMI-RD0106T Datasheet
369Kb / 7P
Planar Ultrafast Rectifier
September, 2013
RD0504T ONSEMI-RD0504T Datasheet
339Kb / 7P
Planar Ultrafast Rectifier
September, 2013
RD0506T ONSEMI-RD0506T Datasheet
370Kb / 7P
Planar Ultrafast Rectifier
September, 2013
RD2006FR ONSEMI-RD2006FR Datasheet
247Kb / 6P
Planar Ultrafast Rectifier
September, 2013
UD0506T ONSEMI-UD0506T Datasheet
370Kb / 7P
Planar Ultrafast Rectifier
September, 2013
UD2006FR ONSEMI-UD2006FR Datasheet
149Kb / 3P
Planar Ultrafast Rectifier
September, 2013
RD0506LS-SB ONSEMI-RD0506LS-SB Datasheet
204Kb / 5P
Planar Ultrafast Rectifier
May, 2013
logo
GOOD-ARK Electronics
MUR1540F GOOD-ARK-MUR1540F Datasheet
297Kb / 4P
Ultrafast Recovery Planar Diode
MURB2040CT GOOD-ARK-MURB2040CT Datasheet
659Kb / 4P
Ultrafast Recovery Planar Diode
MURD1060 GOOD-ARK-MURD1060 Datasheet
393Kb / 4P
Ultrafast Recovery Planar Diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com