Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM7S08B Datasheet (PDF) - ELM Electronics

ELM7S08B Datasheet PDF - ELM Electronics
Part # ELM7S08B
Download  ELM7S08B Download
File Size   324.69 Kbytes
Page   3 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 2-input AND gate

ELM7S08B Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM7S08B Datasheet PDF - ELM Electronics

Part # ELM7S08B
Download  ELM7S08B Click to download

File Size   324.69 Kbytes
Page   3 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 2-input AND gate

ELM7S08B Datasheet (HTML) - ELM Electronics


ELM7S08B Product details

■General description

ELM7S08B is CMOS 2-input AND gate IC. It realizes high speed operation similar to LS-TTL with lower power consumption by CMOS features. The inner circuit structure of 3-stage logic gate obtains wider noise immunity and constant output



■Features

• Same electrical characteristic as 74HC series (output current is around 1/2 of 74HC series)

• Low consumption current : Idd=1.0μA(Max.)(Top=25°C)

• Wide power voltage range : 2.0V to 6.0V

• High speed : Tpd=5ns(Typ.)(Vdd=5.0V)

• Symmetrical output impedance : | Ioh |=Iol=2mA(Min.)(Vdd=4.5V)

• Small package : SOT-25



■Application

• Cell phones

• Digital cameras

• Portable electrical appliances like PDA, etc.

• Computers and peripherals

• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.

• Modification inside print board, adjustment of timing, solution to noise




Similar Part No. - ELM7S08B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S08B ETC-ELM7S08B Datasheet
672Kb / 35P
CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S08B ELM-TECH-ELM7S08B Datasheet
277Kb / 3P
CMOS LOGIC IC 2-input AND gate
ELM7S08B ELM-TECH-ELM7S08B_17 Datasheet
603Kb / 3P
CMOS LOGIC IC ELM7S08B 2-input AND gate
More results


Similar Description - ELM7S08B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com