Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830P Datasheet (PDF) - AUK corp

SD6830P Datasheet PDF - AUK corp
Part # SD6830P
Download  SD6830P Download
File Size   122.11 Kbytes
Page   34 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description 4BIT MICROCONTROLLER

SD6830P Datasheet (PDF)

Go To PDF Page Download Datasheet
SD6830P Datasheet PDF - AUK corp

Part # SD6830P
Download  SD6830P Click to download

File Size   122.11 Kbytes
Page   34 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description 4BIT MICROCONTROLLER

SD6830P Datasheet (HTML) - AUK corp


SD6830P Product details

Description
SD6830 is a remote control transmitter, consists of the optimized 4-bit CPU with ROM and RAM. It contains power-on reset, watchdog timer and carrier frequency generator. The SD6830 provide a various carrier frequency for encoding output of key matrix and has built-in transistor to drive infrared LED. The SD6830 is supported with a software development tool, which allows code development in a PC environment. It allows the user to simulate the SD6830 on an instruction level.

Features
• Number of basic instructions ------------------------------------- 45
• Instruction cycle time (one word instruction)
   At Fsys=480KHz ---------------------------------------- 16.67uS
   At Fsys=455kHz ---------------------------------------- 17.58uS
· Memory size
   ROM --------------------------------------------------- 1024 x 8 Bits
   RAM ------------------------------------------------------ 32 x 4 Bits
• Input ports (D0 ~ D3, E0 ~ E3 : with pull-up resistor)
• Output ports (C, G, K, F0 ~ F7)
• Carrier frequency generator
   Fsys/12 (1/2 duty), Fsys/12 (1/3 duty), Fsys/12 (1/4 duty),
   Fsys/8 (1/2 duty), Fsys/8 (1/4 duty), Fsys/11 (4/11 duty), No carrier
• Watchdog Timer
• Built-in power on reset
• Single power supply ------------------------------------------------ 1.8V ~ 3.6V
• Power dissipation (stop mode , VDD = 3V) ----------------------- Less than 3uW
• Package ------------------------------------------------------------- 20/24 DIP, 20/24 SOP
• Low-power system applications such as an infrared remote controller




Similar Part No. - SD6830P

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD6830 SILAN-SD6830 Datasheet
230Kb / 10P
CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
Rev.:1.5
More results


Similar Description - SD6830P

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1008 DAEWOO-DMC42C1008 Datasheet
135Kb / 20P
4Bit Single Chip Microcontroller
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
4Bit Single Chip Microcontroller
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
4Bit Single Chip Microcontroller
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
4BIT MICROCONTROLLER
logo
Winbond
W541E WINBOND-W541E Datasheet
236Kb / 13P
4BIT MICROCONTROLLER, 4K 횞16 ROM, 256 횞4 RAM 128 -DOT LCD
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
4bit LVDS Receiver
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com