Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP530D Datasheet (PDF) - AUK corp

SDP530D Datasheet PDF - AUK corp
Part # SDP530D
Download  SDP530D Download
File Size   59.29 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Attenuator Diode

SDP530D Datasheet (PDF)

Go To PDF Page Download Datasheet
SDP530D Datasheet PDF - AUK corp

Part # SDP530D
Download  SDP530D Click to download

File Size   59.29 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Attenuator Diode

SDP530D Datasheet (HTML) - AUK corp


SDP530D Product details

Features
• Low capacitance : Max 0.5pF
• Low series resistance : rs=3Ω(Typ.)@IF=10mA
• AGC and attenuator diode for VHF/UHF band tuner




Similar Part No. - SDP530D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP530D AUK-SDP530D Datasheet
62Kb / 3P
Attenuator Diode
logo
KODENSHI_AUK CORP.
SDP530D KODENSHI-SDP530D Datasheet
65Kb / 3P
Attenuator Diode
logo
AUK corp
SDP530D AUK-SDP530D_1 Datasheet
62Kb / 3P
Attenuator Diode
More results


Similar Description - SDP530D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP520D AUK-SDP520D Datasheet
61Kb / 3P
Attenuator Diode
SDP520Q AUK-SDP520Q Datasheet
49Kb / 3P
Attenuator Diode
SDP530Q AUK-SDP530Q Datasheet
47Kb / 3P
Attenuator Diode
SDP530WMUF AUK-SDP530WMUF Datasheet
59Kb / 3P
Attenuator Diode
SDP530WMF AUK-SDP530WMF Datasheet
139Kb / 3P
Attenuator Diode
SDP520Q AUK-SDP520Q_1 Datasheet
159Kb / 3P
Attenuator Diode
SDP520WMF AUK-SDP520WMF_1 Datasheet
63Kb / 3P
Attenuator Diode
SDP530WAF AUK-SDP530WAF_1 Datasheet
49Kb / 3P
Attenuator Diode
SDP530WKF AUK-SDP530WKF_1 Datasheet
47Kb / 3P
Attenuator Diode
logo
KODENSHI_AUK CORP.
SDP520WMF KODENSHI-SDP520WMF Datasheet
144Kb / 3P
Attenuator Diode
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com