Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1316 Datasheet (PDF) - AUK corp

SM1316 Datasheet PDF - AUK corp
Part # SM1316
Download  SM1316 Download
File Size   180.5 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Chip LED Lamp

SM1316 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1316 Datasheet PDF - AUK corp

Part # SM1316
Download  SM1316 Click to download

File Size   180.5 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description Chip LED Lamp

SM1316 Datasheet (HTML) - AUK corp


SM1316 Product details

Features
• 1.6mm(L)×0.8mm(W) small size surface mount type
• Thin package of 0.55mm(H) thickness
• Transparent clear lens optic
• Low power consumption type chip led
• Emitting Light Yellow Green (570nm)

Applications
• LCD backlighting
• Keypad backlighting
• Symbol backlighting
• Front panel indicator lamp




Similar Part No. - SM1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
200Kb / 5P
Chip LED
logo
KODENSHI_AUK CORP.
SM1316 KODENSHI-SM1316 Datasheet
192Kb / 4P
CHip LED
logo
Stealth Microwave, Inc.
SM1316-42L STEALTH_MICROWAVE-SM1316-42L Datasheet
130Kb / 3P
1300-1600 MHz 16 Watt Ultra Linear Power Amplifier
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
201Kb / 5P
Chip LED
More results


Similar Description - SM1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SB1314-V AUK-SB1314-V Datasheet
267Kb / 4P
Chip LED Lamp
SB1314E-V AUK-SB1314E-V Datasheet
229Kb / 4P
Chip LED Lamp
SM1316-L AUK-SM1316-L Datasheet
270Kb / 4P
Chip LED Lamp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
Chip LED Lamp
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
Chip LED Lamp
SY1316 AUK-SY1316 Datasheet
237Kb / 4P
Chip LED Lamp
SB1316 AUK-SB1316 Datasheet
79Kb / 3P
Chip LED Lamp
SPG1316-H AUK-SPG1316-H Datasheet
289Kb / 4P
Chip LED Lamp
SG1316 AUK-SG1316_1 Datasheet
315Kb / 4P
Chip LED Lamp
logo
KODENSHI_AUK CORP.
SG1316 KODENSHI-SG1316 Datasheet
189Kb / 4P
Chip LED Lamp
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com