Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301460010 Datasheet (PDF) - Molex Electronics Ltd.

1301460010 Datasheet PDF - Molex Electronics Ltd.
Part # 1301460010
Download  1301460010 Download
File Size   33.74 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Plug, 4 Pole/5 Wire, NEMA 5-15

1301460010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301460010 Datasheet PDF - Molex Electronics Ltd.

Part # 1301460010
Download  1301460010 Click to download

File Size   33.74 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Plug, 4 Pole/5 Wire, NEMA 5-15

1301460010 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301460010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460012 MOLEX11-1301460012 Datasheet
40Kb / 1P
Watertite Plug, 2 Pole/2 Wire, NEMA 1-15, 125V, Cord Grip Body Size F2
1301460015 MOLEX11-1301460015 Datasheet
50Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301460016 MOLEX11-1301460016 Datasheet
43Kb / 1P
Watertite Cordset 16 Gauge SOOW, 3 Pole/3 Wire, Cordset Length 7.62m
More results


Similar Description - 1301460010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0010 MOLEX11-130146-0010 Datasheet
31Kb / 1P
Watertite Plug, 4 Pole/5 Wire, NEMA 5-15
130146-0031 MOLEX11-130146-0031 Datasheet
41Kb / 1P
Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
130146-0035 MOLEX11-130146-0035 Datasheet
38Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
130146-0116 MOLEX11-130146-0116 Datasheet
47Kb / 1P
Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
130147-0031 MOLEX11-130147-0031 Datasheet
62Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
130147-0085 MOLEX11-130147-0085 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
1301440036 MOLEX11-1301440036 Datasheet
37Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
1301460031 MOLEX11-1301460031 Datasheet
34Kb / 1P
Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
1301460035 MOLEX11-1301460035 Datasheet
39Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
1301460116 MOLEX11-1301460116 Datasheet
40Kb / 1P
Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com