Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72720YV Datasheet (PDF) - ON Semiconductor

LC72720YV Datasheet PDF - ON Semiconductor
Part # LC72720YV
Download  LC72720YV Download
File Size   176.55 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Signal-Processing System IC

LC72720YV Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72720YV Datasheet PDF - ON Semiconductor

Part # LC72720YV
Download  LC72720YV Click to download

File Size   176.55 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Signal-Processing System IC

LC72720YV Datasheet (HTML) - ON Semiconductor


LC72720YV Product details

Overview
The LC72720YV is a single-chip system IC that implement the signal processing required by the European Broadcasting Union RDS (Radio Data System) standard and by the US NRSC (National Radio System Committee) RBDS (Radio Broadcast Data System) standard. This IC include band-pass filter, demodulator, synchronization, and error correction circuits as well as data buffer RAM on chip and perform effective error correction using a soft-decision error correction technique.

Features
• Error correction capability improved by soft-decision error correction
• The load on the control microprocessor can be reduced by storing decoded data in the on-chip data buffer RAM.
• Two synchronization detection circuits provide continuous and stable detection of the synchronization.
• Data can be read out starting with the backward-protection block data after a synchronization reset.
• Fully adjustment free

Functions
• Band-pass filter : switched capacitor filter (SCF)
• Demodulator : RDS data clock regeneration and demodulated data reliability information
• Synchronization : Block synchronization detection (with variable backward and forward protection conditions)
• Error correction : Soft-decision/hard-decision error correction
• Buffer RAM : Adequate for 24 blocks of data (about 500 ms) and flag memory
• Data I/O : CCB* interface (power on reset)




Similar Part No. - LC72720YV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
More results


Similar Description - LC72720YV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
Synchronizing signal processing IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
Synchronous Signal Processing System
logo
Sanyo Semicon Device
72720YV SANYO-72720YV Datasheet
222Kb / 14P
Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com