Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-2U35 Datasheet (PDF) - List of Unclassifed Manufacturers

TC-2U35 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC-2U35
Download  TC-2U35 Download
File Size   162.12 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.

TC-2U35 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC-2U35 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC-2U35
Download  TC-2U35 Click to download

File Size   162.12 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.

TC-2U35 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - TC-2U35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
More results


Similar Description - TC-2U35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com