Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5490A Datasheet (PDF) - ON Semiconductor

2SC5490A Datasheet PDF - ON Semiconductor
Part # 2SC5490A
Download  2SC5490A Download
File Size   478.1 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mini Buck Converter for RF Power Amplifiers

2SC5490A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5490A Datasheet PDF - ON Semiconductor

Part # 2SC5490A
Download  2SC5490A Click to download

File Size   478.1 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Mini Buck Converter for RF Power Amplifiers

2SC5490A Datasheet (HTML) - ON Semiconductor


2SC5490A Product details

Features
• Low-noise : NF=0.9dB typ (f=1GHz)
                    : NF=1.4dB typ (f=1.5GHz)
• Low-voltage, low-current operation (VCE=1V, IC=1mA)
    : fT=3.5GHz typ
    : ⏐S21e⏐2=5.5dB typ (f=1.5GHz)
• High gain : ⏐S21e⏐2=10dB typ (f=1.5GHz)
• High cut-off frequency : fT=8GHz typ
• Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
• Halogen free compliance




Similar Part No. - 2SC5490A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5490A SANYO-2SC5490A Datasheet
53Kb / 5P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
2SC5490A SANYO-2SC5490A_12 Datasheet
491Kb / 7P
UHF to S-Band Low-Noise Amplifier Applications
More results


Similar Description - 2SC5490A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
ON Semiconductor
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
Mini Buck Converter for RF Power Amplifiers
September, 2013
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com